Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 88 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 88 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 84Page - Motorola, Inc 68HC05CL16 Datasheet HTML 85Page - Motorola, Inc 68HC05CL16 Datasheet HTML 86Page - Motorola, Inc 68HC05CL16 Datasheet HTML 87Page - Motorola, Inc 68HC05CL16 Datasheet HTML 88Page - Motorola, Inc 68HC05CL16 Datasheet HTML 89Page - Motorola, Inc 68HC05CL16 Datasheet HTML 90Page - Motorola, Inc 68HC05CL16 Datasheet HTML 91Page - Motorola, Inc 68HC05CL16 Datasheet HTML 92Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
CALLER-ID
MC68HC05CL48
11-4
REV 2.0
11.5
POWER MANAGEMENT
If the Ring Detect module is used, it should be enabled by setting the RDPW bit
before executing the STOP instruction. When the RT signal is below the threshold
(see Figure 11-9) the oscillator circuit is forced on and the Ring Signal is
validated. If the RT rises above the threshold before the Ring Signal is validated
the oscillator will stop and the MCU will stay in the STOP mode. However, if a valid
ring is detected an interrupt is generated provided the Ring Detect Interrupt
Enable bit (RDIE) is set. The interrupt will wake the MCU from the STOP mode
and the clocks to all enabled modules will start. At this time if the CPU is not
required the WAIT mode can be entered.
If the Carrier Detect module is enabled before entering the wait mode by CDPW
bit, it will start processing the incoming data. When a valid carrier is detected an
interrupt is generated if enabled by the CDIE bit. The interrupt will take the CPU
out of the WAIT mode.
Figure 11-5. Power Up Sequence from STOP Mode
CPU STOP MODE
RDPW?
POWER ON
RDIE?
RD INTERRUPT/
YES
YES
CPU WAIT MODE
CDPW?
POWER ON
CDIE?
CD INTERRUPT
YES
YES
WAKE UP CPU
VALID
YES
NO
NO
RING DETECT
START PLL CLOCK
NO
NO
NO
RT?
CARRIER DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com