Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 19 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 15Page - Motorola, Inc 68HC05CL16 Datasheet HTML 16Page - Motorola, Inc 68HC05CL16 Datasheet HTML 17Page - Motorola, Inc 68HC05CL16 Datasheet HTML 18Page - Motorola, Inc 68HC05CL16 Datasheet HTML 19Page - Motorola, Inc 68HC05CL16 Datasheet HTML 20Page - Motorola, Inc 68HC05CL16 Datasheet HTML 21Page - Motorola, Inc 68HC05CL16 Datasheet HTML 22Page - Motorola, Inc 68HC05CL16 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
GENERAL DESCRIPTION
MOTOROLA
REV 2.0
1-7
Figure 1-4. Oscillator Connections
1.4.6 External Clock
An external clock from another CMOS-compatible device can be connected to the
OSC1 input, with the OSC2 input not connected, as shown in Figure 1-4 (b)
1.4.7 PTA0-PTA7
These I/O lines comprise Port A. The state of any pin is software programmable
and all port lines are configured as inputs during power-on or reset. PTA0-PTA7
are also associated with three external IRQ and five Keyboard interrupt functions.
See Section 7 for more details on the I/O ports.
1.4.8 PTB0-PTB7
These I/O lines comprise Port B. The state of any pin is software programmable
and all port lines are configured as inputs during power-on or reset.
1.4.9 PTC0-PTC7
These I/O lines comprise Port C. The state of any pin is software programmable
and all port lines are configured as inputs during power-on or reset. PTC0-PTC7
To VDD (or STOP)
(b)
External Clock Source
Connections
MCU
OSC1
OSC2
unconnected
External Clock
To VDD (or STOP)
(a)
Crystal or Ceramic∗ Resonator
Connections
X-tal = Nitsuko EX-0228-0150-NTK
OSC1
OSC2
MCU
∗: Additional capacitance may be required for Ceramic Resonator option. Follow the
Ceramic Resonator manufacturer’s recommendations.
10M
100k
27pF
27pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com