Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 81 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 81 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 77Page - Motorola, Inc 68HC05CL16 Datasheet HTML 78Page - Motorola, Inc 68HC05CL16 Datasheet HTML 79Page - Motorola, Inc 68HC05CL16 Datasheet HTML 80Page - Motorola, Inc 68HC05CL16 Datasheet HTML 81Page - Motorola, Inc 68HC05CL16 Datasheet HTML 82Page - Motorola, Inc 68HC05CL16 Datasheet HTML 83Page - Motorola, Inc 68HC05CL16 Datasheet HTML 84Page - Motorola, Inc 68HC05CL16 Datasheet HTML 85Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 145 page
background image
June 6, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
ANALOG TO DIGITAL CONVERTER
MOTOROLA
REV 2.0
10-1
SECTION 10
ANALOG TO DIGITAL CONVERTER
The MC68HC05CL48 includes a 8-channel, 8-bit, multiplexed input, successive
approximation A/D converter, with four of the input channels available on external
pins and another four internal channels are used for calibration purpose.
10.1
ANALOG SECTION
10.1.1 Ratiometric Conversion
The A/D is ratiometric, with two dedicated pins supplying the reference voltages
(VRH and VRL). An input voltage equal to VRH converts to $FF (full scale) and an
input voltage equal to VRL converts to $00. An input voltage greater than VRH will
convert to $FF with no overflow indication. For ratiometric conversions, the source
of each analog input should use VRH as the supply voltage and be referenced to
VRL.
10.1.2 VRH and VRL
V
RH and VRL are generated internally on chip to reduce pin counts.
10.1.3 Accuracy And Precision
The 8-bit conversions shall be accurate to within
±11/2 LSB including quantization
when averaged over four readings.
10.2
CONVERSION PROCESS
The A/D reference inputs are applied to a precision internal digital-to-analog
converter. Control logic drives this D/A and the analog output is successively
compared to the selected analog input which was sampled at the beginning of the
conversion time. The conversion process is monotonic and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com