Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 40 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 40 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 36Page - Motorola, Inc 68HC05CL16 Datasheet HTML 37Page - Motorola, Inc 68HC05CL16 Datasheet HTML 38Page - Motorola, Inc 68HC05CL16 Datasheet HTML 39Page - Motorola, Inc 68HC05CL16 Datasheet HTML 40Page - Motorola, Inc 68HC05CL16 Datasheet HTML 41Page - Motorola, Inc 68HC05CL16 Datasheet HTML 42Page - Motorola, Inc 68HC05CL16 Datasheet HTML 43Page - Motorola, Inc 68HC05CL16 Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
INTERRUPTS
MC68HC05CL48
4-8
REV 2.0
4.3.2.4
External Interrupt Status Register (EXISR)
KBIF[7:3]
The keyboard interrupt flag bit is set to ‘1’ when a negative edge has been
detected at the pin and the corresponding enable bit has been set. Writing a ‘0’
to this bit will clear the corresponding interrupt flag. This bit should be cleared
by software in the keyboard interrupt service routine, or the CPU will keep on
serving this interrupt.
IRQF[2:0]
The external IRQ flag bit is set to ‘1’ when an appropriate edge has been
detected at the pin and the corresponding enable bit has been set. Writing a “0”
to this bit will clear the IRQ interrupt flag. This bit should be cleared by software
in the keyboard interrupt service routine, or the CPU will keep on serving this
interrupt.
4.3.3 Caller ID Interrupt (RDI/CDI,CDRI)
This interrupt is caused by the Caller ID module when a valid RT_L signal, a Ring
is detected, a Carrier is detected or when the 8-bit Called ID data is ready to be
read. The enable and flag bits for the Ring Detect and the Carrier detect are
located in CLCSR1 register and the enable and flag bits for the Called ID data
ready are located in CLCSR3 register. The RT_L is always active once it is
enabled by a metal mask, see Section 11. All four interrupts will vector to the
same interrupt service routine located at the addresses specified by the contents
of memory locations $FFF4-$FFF5. The RT_L interrupt will wake up the MCU
from the STOP and WAIT mode whereas the Ring Detect, Carrier Detect and
Data Ready interrupts will wake up the CPU from Wait mode. See Section 6.
4.3.4 TIMER Interrupt
The TIMER interrupt is generated by the multi-function Timer when a timer
overflow or an input capture or a output compare has occurred as described in
Section 8. The interrupt enable bit and flag for the Timer interrupt are located in
the Timer Control and Status Registers TCR and TSR located at $0011 and $0012
respectively. The I-bit in the CCR must be clear in order for the Timer interrupt to
76543210
EXISR
$001E
READ
KBIF7
KBIF6
KBIF5
KBIF4
KBIF3
IRQF2
IRQF1
IRQF0
WRITE
RESET
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com