Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 93 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 93 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 89Page - Motorola, Inc 68HC05CL16 Datasheet HTML 90Page - Motorola, Inc 68HC05CL16 Datasheet HTML 91Page - Motorola, Inc 68HC05CL16 Datasheet HTML 92Page - Motorola, Inc 68HC05CL16 Datasheet HTML 93Page - Motorola, Inc 68HC05CL16 Datasheet HTML 94Page - Motorola, Inc 68HC05CL16 Datasheet HTML 95Page - Motorola, Inc 68HC05CL16 Datasheet HTML 96Page - Motorola, Inc 68HC05CL16 Datasheet HTML 97Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
CALLER-ID
MOTOROLA
REV 2.0
11-9
11.7.4 Caller_ID Data Register (CDDR)
CDDR[7:0] is the Caller ID data in byte format.
11.8
DESIGN PARAMETERS
The data signalling interface conforms to the recommended operating ranges of
the physical layer test parameters for TYPE 1 CPE as described in Bellcore
Publication SR-NWT-003004.
76543210
CDDR
$000E
READ
CDD7
CDD6
CDD5
CDD4
CDD3
CDD2
CDD1
CDD0
WRITE
RESET
UUUU
0000
U = UNAFFECTED
Table 11-1. Typical Input parameter
Parameters
Operating Range
Units
Mark Frequency
1188 ~ 1212
Hz
Space Frequency
2178 ~ 2222
Hz
Mark Level (600 ohm)
-12 ~ -32
dBm
Space Level (600 ohm)
-12 ~ -36
dBm
Carrier Frequency
1700
Hz
Twist Immunity (600 ohm)
+/- 10
dBm
Baud Rate
1188 ~ 1212
baud
Ringing Frequency
10 to 55
Hz
Noise Immunity
(Signal to Noise Ratio)
-20 (for noise below 200 and
above 3200 Hz)
25 (for noise between 200 and
3200 Hz)
dB
Channel Seizure Delay
250 ~ 3600
ms
Input Impedance
500
k
Ω
Immunity to CS and MS
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com