Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 13 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 9Page - Motorola, Inc 68HC05CL16 Datasheet HTML 10Page - Motorola, Inc 68HC05CL16 Datasheet HTML 11Page - Motorola, Inc 68HC05CL16 Datasheet HTML 12Page - Motorola, Inc 68HC05CL16 Datasheet HTML 13Page - Motorola, Inc 68HC05CL16 Datasheet HTML 14Page - Motorola, Inc 68HC05CL16 Datasheet HTML 15Page - Motorola, Inc 68HC05CL16 Datasheet HTML 16Page - Motorola, Inc 68HC05CL16 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
GENERAL DESCRIPTION
MOTOROLA
REV 2.0
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC05CL48 HCMOS Microcontroller is a member of the M68HC05
family of low cost single chip microcontrollers. It is particularly suitable as a Caller
ID telephone controller. This 8-bit microcontroller unit (MCU) contains on-chip
oscillator, CPU, RAM, ROM, I/O, Timer, Watchdog Timer, SPI, A/D, Caller ID
subsystem, LCD driver and a 32kHz PLL.
1.1
FEATURES
•
Industry standard M68HC05 8-bit CPU core
•
32kHz PLL to generate the 3.6MHz system clock
•
On-chip clock generator can be driven by crystal or external clock
•
47.5k-bytes of user ROM
•
2k-bytes of user RAM (64 bytes for stack)
•
16-bit Timer with 2 input captures and 2 output compares, the two output
compare are used for interrupt generation only
•
15-stage Multi-function Timer
•
One second Watch Timer
•
COP (Computer Operating Properly) Watchdog Reset
•
Serial Peripheral Interface (SPI)
•
Four channel 8-bit A/D Converter
•
Hardware Caller-ID subsystem
•
45 x 16 or 53 x 8 LCD driver
•
24 Bidirectional I/O lines
•
Three software programmable external interrupts in addition to the
standard IRQ interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com