Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 49 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 45Page - Motorola, Inc 68HC05CL16 Datasheet HTML 46Page - Motorola, Inc 68HC05CL16 Datasheet HTML 47Page - Motorola, Inc 68HC05CL16 Datasheet HTML 48Page - Motorola, Inc 68HC05CL16 Datasheet HTML 49Page - Motorola, Inc 68HC05CL16 Datasheet HTML 50Page - Motorola, Inc 68HC05CL16 Datasheet HTML 51Page - Motorola, Inc 68HC05CL16 Datasheet HTML 52Page - Motorola, Inc 68HC05CL16 Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
INPUT/OUTPUT PORTS
MOTOROLA
REV 2.0
7-1
SECTION 7
INPUT/OUTPUT PORTS
In single-chip mode there are 24 pins arranged as 3 8-bit I/O port. The I/O ports
are programmable as either inputs or outputs under software control of the data
direction registers.
To avoid a glitch on the output pins, write data to the I/O Port Data Register before
writing a one to the corresponding Data Direction Register.
7.1
PARALLEL PORTS
Port A and B and C are 8-bit bidirectional port. Each Port pin is controlled by the
corresponding bits in a data direction register and a data register as shown in
Figure 7-1. The functions of the I/O pins are summarized in Table 7-1.
Figure 7-1. Port I/O Circuitry
Table 7-1. Port I/O Pin Functions
R/W
DDR
I/O Pin Functions
0
0
The I/O pin is in input mode. Data is written into the output data latch.
0
1
Data is written into the output data latch and output to the I/O pin.
1
0
The state of the I/O pin is read.
1
1
The I/O pin is in an output mode. The output data latch is read.
Read/Write DDR
Write Data
Read Data
Data Direction
Register
Data
Register Bit
I/O
Pin
OUTPUT
Internal HC05
Data Bus
Reset
(RST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com