Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 41 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 41 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 37Page - Motorola, Inc 68HC05CL16 Datasheet HTML 38Page - Motorola, Inc 68HC05CL16 Datasheet HTML 39Page - Motorola, Inc 68HC05CL16 Datasheet HTML 40Page - Motorola, Inc 68HC05CL16 Datasheet HTML 41Page - Motorola, Inc 68HC05CL16 Datasheet HTML 42Page - Motorola, Inc 68HC05CL16 Datasheet HTML 43Page - Motorola, Inc 68HC05CL16 Datasheet HTML 44Page - Motorola, Inc 68HC05CL16 Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
INTERRUPTS
MOTOROLA
REV 2.0
4-9
be enabled. This interrupt will vector to the interrupt service routine located at the
address specified by the contents of memory locations $FFF8 and $FFF9.
4.3.5 SPI Interrupt
The SPI interrupt is generated by serial peripheral interface as described in
Section 9. The interrupt enable bits for the SPI interrupt is in the SPI Control
Register (SPCR) at location $0020. The I-bit in the CCR must be clear in order for
the SPI interrupt to be enabled. These interrupts will vector to the same interrupt
service routine located at the address specified by the contents of memory
locations $FFF6 and $FFF7.
4.3.6 CTIMER, WTimer Interrupt (CORE TIMER, Watch Timer)
4.3.6.1
Core Timer Interrupt
The CTIMER interrupt is generated by the Core Timer when a core timer overflow,
or real time interrupt has occurred as described in Section 8. The interrupt enable
bits and flags for the Core Timer interrupts are located in the Core Timer Control
and Status Register (CTCSR) located at $0008. The I-bit in the CCR must be
clear in order for the CTIMER interrupt to be enabled.
4.3.6.2
Watch Timer Interrupt
The WTimer interrupt is generated by the Watch Timer when a 1 second timer
overflow interrupt has occurred as described in Section 8. The interrupt enable
bits and flags for the Watch Timer interrupt are located in the Watch Timer Control
and Status Register (WTCSR) located at $0023. The I-bit in the CCR must be
clear in order for the WTIMER interrupt to be enabled.
4.3.6.3
Interrupt Vector
The above two interrupts will vector to the same interrupt service routine located
at the address specified by the contents of memory locations $FFF0 and $FFF1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com