Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 50 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 50 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 46Page - Motorola, Inc 68HC05CL16 Datasheet HTML 47Page - Motorola, Inc 68HC05CL16 Datasheet HTML 48Page - Motorola, Inc 68HC05CL16 Datasheet HTML 49Page - Motorola, Inc 68HC05CL16 Datasheet HTML 50Page - Motorola, Inc 68HC05CL16 Datasheet HTML 51Page - Motorola, Inc 68HC05CL16 Datasheet HTML 52Page - Motorola, Inc 68HC05CL16 Datasheet HTML 53Page - Motorola, Inc 68HC05CL16 Datasheet HTML 54Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
INPUT/OUTPUT PORTS
MC68HC05CL48
7-2
REV 2.0
7.2
PORT A
Port A is an 8-bit bidirectional port. The port A data register is at $0000 and the
data direction register (DDRA) is at $0003. Reset does not affect the data register,
but clears the data direction register, thereby returning the ports to inputs. Writing
a one to a DDR bit sets the corresponding port bit to output mode. In addition to
normal I/O port function, PTA0-PTA2 are also used as additional external interrupt
inputs and PTA3-PTA7 are also associated with the KEYBOARD interrupt
function. See Section 4.3.2 for detail description on External and Keyboard
interrupts.
7.3
PORT B
Port B is an 8-bit bidirectional port. The port B data register is at $0001 and the
data direction register (DDRB) is at $0004. Reset does not affect the data register,
but clears the data direction register, thereby returning the ports to inputs. Writing
a one to a DDR bit sets the corresponding port bit to output mode.
7.4
PORT C
Port C is an 8-bit bidirectional port which shares its pins with subsystems A-2-D,
SPI and Timer under the control of the A-2-D status and control register ADCSR,
the SPI control register SPCR and the Timer pin configuration register TIMCONF.
The port C data register is at $0002, the data direction register (DDRC) is at
$0005. Reset does not affect the data register, but clears the data direction,
thereby returning the ports to inputs. Writing a one to a DDR bit sets the
corresponding port bit to output mode. Writing a ‘1’ to the SPE-bit of the SPI
control register SPCR configures PTC[0:3] as dedicated SPI pins. Setting
CONF6-bit and CONF7-bit of the Timer pin configuration register TIMCONF to ‘1’
configures PTC6 and PTC7 as Timer input capture pins respectively.
PTC[4:5] will always be available as IO port pins even after the ADON-bit is set.
When ADON-bit is set to ‘1’ and the CH[2:0] bits of the A-2-D status and control
register is set to select channel-2, PTC[4] becomes an A-2-D input pin. When
ADON-bit is set to ‘1’ and the CH[2:0] bits of the A-2-D status and control register
is set to select channel-3, PTC[5] becomes an A-2-D input pin.
Table 7-1. summarizes the PORT C function when used as sub-system pins.
Table 7-2. PORT C I/O Configuration
PORT C
I/O Mode
Sub-System Function
PTC0
Input
Output
SCK: SPI slave clock-in (MSTR = ‘0’, SPE=1).
SCK: SPI master clock-out (MSTR = ‘1’, SPE=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com