Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 56 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 56 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 52Page - Motorola, Inc 68HC05CL16 Datasheet HTML 53Page - Motorola, Inc 68HC05CL16 Datasheet HTML 54Page - Motorola, Inc 68HC05CL16 Datasheet HTML 55Page - Motorola, Inc 68HC05CL16 Datasheet HTML 56Page - Motorola, Inc 68HC05CL16 Datasheet HTML 57Page - Motorola, Inc 68HC05CL16 Datasheet HTML 58Page - Motorola, Inc 68HC05CL16 Datasheet HTML 59Page - Motorola, Inc 68HC05CL16 Datasheet HTML 60Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
TIMER
MC68HC05CL48
8-4
REV 2.0
counter or counter alternate register first addresses the most significant byte
(MSB) ($19, $1B), the LSB ($1A, $1C) is transferred to a buffer. This buffer value
remains fixed after the first MSB read, even if the user reads the MSB several
times. This buffer is accessed when reading the free-running counter or counter
alternate register LSB ($1A or $1C) and, thus, completes a read sequence of the
total counter value. In reading either the free-running counter or counter alternate
register, if the MSB is read, the LSB must also be read to complete the sequence.
The counter alternate register differs from the counter register in one respect: a
read of the counter register MSB can clear the timer overflow flag (TOF).
Therefore, the counter alternate register can be read at any time without the
possibility of missing timer overflow interrupts due to clearing of the TOF.
Figure 8-2. Timer State Diagram For Timer Overflow
The free-running counter is configured to $FFFC during reset and is always a
read-only register. During a power-on reset, the counter is also preset to $FFFC
and begins running after the oscillator start-up delay. Because the free-running
counter is 16 bits preceded by a fixed divide-by-four prescaler, the value in the
free-running counter repeats every 262,144 internal bus clock cycles. When the
counter rolls over from $FFFF to $0000, the TOF bit is set. An interrupt can also
be enabled when counter roll over occurs by setting its interrupt enable bit (TOIE).
In some particular timing control applications it may be desirable to reset the 16-
bit free running counter under software control. When the low byte of the counter
($1A or $1C) is written to, the counter is configured to its reset value ($FFFC).
Internal Processor Clock
Internal
Timer
Clocks
T00
T01
T10
T11
Counter (16 bit)
Timer Overflow Flag (TOF)
$FFFE
$FFFF
$0000
$0001
NOTE: The TOF bit is set at timer state T11 (transition of counter from $FFFF to $0000). It is
cleared by read of the Timer Status Register during the internal processor clock time
followed by a read of the counter low register.
$0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com