Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 92 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 92 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 88Page - Motorola, Inc 68HC05CL16 Datasheet HTML 89Page - Motorola, Inc 68HC05CL16 Datasheet HTML 90Page - Motorola, Inc 68HC05CL16 Datasheet HTML 91Page - Motorola, Inc 68HC05CL16 Datasheet HTML 92Page - Motorola, Inc 68HC05CL16 Datasheet HTML 93Page - Motorola, Inc 68HC05CL16 Datasheet HTML 94Page - Motorola, Inc 68HC05CL16 Datasheet HTML 95Page - Motorola, Inc 68HC05CL16 Datasheet HTML 96Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
CALLER-ID
MC68HC05CL48
11-8
REV 2.0
RDPW, Bit6 (Ring Detect Power Up)
This bit when set is used to enable ring detection. An interrupt will be generated
when a valid ring is detected and if the RDIE bit in the CLCSR1 register is set.
11.7.3 Control/Status Register 3 (CLCSR3)
CDOE, Bit-0
Carrier Detect Override Enable, when set this bit disables the carrier detect
module output and allows the user to force the carrier detect signal by writing a
zero to CDO, bit 0 in the CLCSR1 register.
RDOE, Bit-1
Ring Detect Override Enable, when set this bit disables the ring detect module
output and allows the user to force the ring detect signal by writing a zero to
RDO, bit 1 in the CLCSR1 register.
CDRF, Bit-2
Caller_ID data ready flag. This is set to ‘1’ when the 8-bit data is ready to be
read. Reading CDDR ($000E) clears this bit.
DRIE, Bit-3 (Data Ready Interrupt Enable)
1 =
Enable CDRF to cause an interrupt.
0 =
Disable CDRF from generating an interrupt.
CDRE, Bit-4 (Caller_ID Receiver Enable)
1 =
Enable Caller_ID 8-bit data receiver.
0 =
Disable Caller_ID 8-bit data receiver.
SDSL, Bit-7 (Serial Data Select)
0 =
Select cooked data to be routed to the Caller ID parallel data
receiver.
1 =
Select raw data to be routed to the Caller ID parallel data receiver.
76543210
CLCSR3
$000C
READ
SDSL
CDRE
DRIE
CDRF
RDOE
CDOE
WRITE
RESET
0
U
U
U
0000
U = UNAFFECTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com