Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 76 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 76 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 72Page - Motorola, Inc 68HC05CL16 Datasheet HTML 73Page - Motorola, Inc 68HC05CL16 Datasheet HTML 74Page - Motorola, Inc 68HC05CL16 Datasheet HTML 75Page - Motorola, Inc 68HC05CL16 Datasheet HTML 76Page - Motorola, Inc 68HC05CL16 Datasheet HTML 77Page - Motorola, Inc 68HC05CL16 Datasheet HTML 78Page - Motorola, Inc 68HC05CL16 Datasheet HTML 79Page - Motorola, Inc 68HC05CL16 Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
SERIAL PERIPHERAL INTERFACE
MC68HC05CL48
9-4
REV 2.0
9.2.1 SPCR SPI Control Register
SPIE SPI Interrupt Enable
When this bit is set to a one a hardware interrupt sequence is requested each
time the SPIF or MODF status flag is set. SPI interrupts are inhibited if this bit is
clear or if the I-bit in the CC-Register is one.
SPE
SPI System Enable
Setting the SPE-bit to ‘1’ will enable the SPI function and automatically
configure PTC[3:0] as dedicated SPI pins.
MSTR Master/Slave Mode Select
0 =
Slave mode
1 =
Master mode
CPOL Clock Polarity
CPHA Clock Phase
These two bits are used to specify the clock format to be used in SPI
operations. Please refer to Figure 9-1.
SPR1, SPR0 SPI Clock (SCK) Rate Select Bits
These bits are used to specify the SPI clock rate.
76543210
SPCR
$0020
READ
SPIE
SPE
-
MSTR
CPOL
CPHA
SPR1
SPR0
WRITE
RESET
00
-
001
U
U
Table 9-1. SPI Clock Rates
SPR1
SPR0
E Clock
divided-by
Frequency
Eclk = 1.8 MHz (baud
rate)
0
0
2
0.9 MHz
0
1
4
450 kHz
1
0
16
112.5 kHz
1
1
32
56.25 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com