Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 126 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 126 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 122Page - Motorola, Inc 68HC05CL16 Datasheet HTML 123Page - Motorola, Inc 68HC05CL16 Datasheet HTML 124Page - Motorola, Inc 68HC05CL16 Datasheet HTML 125Page - Motorola, Inc 68HC05CL16 Datasheet HTML 126Page - Motorola, Inc 68HC05CL16 Datasheet HTML 127Page - Motorola, Inc 68HC05CL16 Datasheet HTML 128Page - Motorola, Inc 68HC05CL16 Datasheet HTML 129Page - Motorola, Inc 68HC05CL16 Datasheet HTML 130Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
ELECTRICAL SPECIFICATIONS
MC68HC05CL48
15-2
REV 2.0
15.3
DC ELECTRICAL CHARACTERISTICS
(VDD = 3.3 VDC ±10%, VSS = 0 VDC, TA =–10°C to +70 °C, unless otherwise noted)
Notes:
(1) All values shown reflect average measurements.
(2) Typical values at midpoint of voltage range, 25
°C only.
(3) Wait IDD : Only timer system active.
(4) Run (Operating) IDD , Wait IDD : Measured with all inputs 0.2 V from rail; no D.C. loads, less than 50pF on all
outputs, CL = 20 pF on OSC2.
(5) Wait, Stop IDD : All ports configured as inputs, VIL = 0.2 V, VIH = VDD–0.2 V.
(6) Stop IDD measured with OSC1 = VSS.
(7) Wait IDD is affected linearly by the OSC2 capacitance.
CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Output Voltage
ILOAD = –10µA
ILOAD = 10µA
VOL
VOH
—
VDD–0.1
—
—
0.1
—
V
V
Output High Voltage
ILOAD = 0.8mA
PTA0-7,PTB0-7, PTC0-7
VOH
VDD–0.8
—
—
V
Output Low Voltage
ILOAD = 1.6mA
PTA0-7, PTB0-7,PTC0-7
VOL
—
—
0.4
V
Input High Voltage
PTA0-7,PTB0-7,PTC0-7,RESET, IRQ, OSC1,
VIH
0.8xVDD
—VDD
V
Input Low Voltage
PTA0-7, PTB0-7, PTC0-7,RESET, IRQ, OSC1,
TCAP1,TCAP2
VIL
VSS
—
0.2xVDD
V
Output Sink Current (from 5V)
PTA0-7,PTB0-7, PTC0-7
ISINK
—
—
3.0
mA
Output Source Current (into 2.5V)
PTA0-7,PTB0-7, PTC0-7
ISINK
—
3.0
—
mA
I/O Ports High-Z leakage
PTA0-7,PTB0-7,PTC0-7
Measured with input at (VDD - 0.1) volts and
(VSS + 0.1) volts.
IOZ
——
±100
nA
Input Current
RESET, IRQ, IRQ0, IRQ1, IRQ2, OSC1, TCAP1
TCAP2
IOZ
——
±10
µA
Capacitance
All input or output.
CIN
COUT
——
12
12
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com