Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 135 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 135 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 131Page - Motorola, Inc 68HC05CL16 Datasheet HTML 132Page - Motorola, Inc 68HC05CL16 Datasheet HTML 133Page - Motorola, Inc 68HC05CL16 Datasheet HTML 134Page - Motorola, Inc 68HC05CL16 Datasheet HTML 135Page - Motorola, Inc 68HC05CL16 Datasheet HTML 136Page - Motorola, Inc 68HC05CL16 Datasheet HTML 137Page - Motorola, Inc 68HC05CL16 Datasheet HTML 138Page - Motorola, Inc 68HC05CL16 Datasheet HTML 139Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
MOTOROLA
REV 2.0
A-3
A.4
EPROM PROGRAMMING
Programming the on-chip EPROM is achieved by using the Program Control
Register located at address $26.
Please contact Motorola for programming board availability.
A.4.1 EPROM Program Control Register (EPCR $26)
This register is provided for programming the on-chip EPROM in the
MC68HC705CL48.
ELAT—EPROM LATch control
0 =
EPROM address and data bus configured for normal reads
1 =
EPROM address and data bus configured for programming (writes
to EPROM cause address and data to be latched). EPROM is in
programming mode and cannot be read if ELAT is 1. This bit should
not be set when no programming voltage is applied to the Vpp pin.
PGM—EPROM ProGraM command
0 =
Programming power is switched OFF from EPROM array.
1 =
Programming power is switched ON to EPROM array. If ELAT
≠ 1,
then PGM = 0.
A.4.2 Programming Sequence
The EPROM programming sequence is:
1.
Set the ELAT bit
2.
Write the data to the address to be programmed
3.
Set the PGM bit
4.
Delay for a time tPGMR
5.
Clear the PGM bit
6.
Clear the ELAT bit
The last two steps must be performed with separate CPU writes.
EPCR
$0026
bit-7
bit-6
bit-5
bit4
bit-3
bit-2
bit1
bit-0
Read
RESERVED
ELAT
PGM
Write
Reset
0000
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com