Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 420 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 420 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 416Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 417Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 418Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 419Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 420Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 421Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 422Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 423Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 424Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-46
USER’S MANUAL
DDQS7 determines the direction of PQS7 only when the SCI transmitter is disabled.
When the SCI transmitter is enabled, PQS7 is the TXD output.
D.6.10 QSPI Control Register 0
SPCR0 contains parameters for configuring the QSPI and enabling various modes of
operation. SPCR0 must be initialized before QSPI operation begins. Writing a new val-
ue to SPCR0 while the QSPI is enabled disrupts operation.
MSTR — Master/Slave Mode Select
0 = QSPI is a slave device.
1 = QSPI is the system master.
Table D-34 Effect of DDRQS on QSM Pin Function
QSM Pin
Mode
DDRQS Bit
Bit State
Pin Function
MISO
Master
DDQS0
0
Serial data input to QSPI
1
Disables data input
Slave
0
Disables data output
1
Serial data output from QSPI
MOSI
Master
DDQS1
0
Disables data output
1
Serial data output from QSPI
Slave
0
Serial data input to QSPI
1
Disables data input
SCK1
NOTES:
1. PQS2 is a digital I/O pin unless the SPI is enabled (SPE set in SPCR1), in which case it
becomes the QSPI serial clock SCK.
Master
DDQS2
—
Clock output from QSPI
Slave
—
Clock input to QSPI
PCS0/SS
Master
DDQS3
0
Assertion causes mode fault
1
Chip-select output
Slave
0
QSPI slave select input
1
Disables slave select Input
PCS[1:3]
Master
DDQS[4:6]
0
Disables chip-select output
1
Chip-select outputs enabled
Slave
0
No effect
1
No effect
TXD2
2. PQS7 is a digital I/O pin unless the SCI transmitter is enabled (TE set in SCCR1), in
which case it becomes the SCI serial data output TXD.
—
DDQS7
X
Serial data output from SCI
RXD
—
None
NA
Serial data input to SCI
SPCR0 — QSPI Control Register 0
$YFFC18
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MSTR
WOMQ
BITS[3:0]
CPOL
CPHA
SPBR[7:0]
RESET:
0
0
0
0
0
0
0
1
0
0
0
0
0
1
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com