Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 423 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 423 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 419Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 420Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 421Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 422Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 423Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 424Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 425Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 426Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 427Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-49
DSCKL[6:0] — Delay before SCK
When the DSCK bit is set in a command RAM byte, this field determines the length of
the delay from PCS valid to SCK transition. PCS can be any of the four peripheral chip-
select pins. The following equation determines the actual delay before SCK:
where DSCKL[6:0] is in the range of one to 127.
When DSCK is zero in a command RAM byte, then DSCKL[6:0] is not used. Instead,
the PCS valid to SCK transition is one-half the SCK period.
DTL[7:0] — Length of Delay after Transfer
When the DT bit is set in a command RAM byte, this field determines the length of the
delay after a serial transfer. The following equation is used to calculate the delay:
where DTL is in the range of one to 255.
A zero value for DTL[7:0] causes a delay-after-transfer value of 8192
÷ f
sys.
If DT is zero in a command RAM byte, a standard delay is inserted:
Delay after transfer can be used to provide a peripheral deselect interval. A delay can
also be inserted between consecutive transfers to allow serial A/D converters to com-
plete conversion. This is controlled by the DT bit in a command RAM byte.
D.6.12 QSPI Control Register 2
SPCR2 — QSPI Control Register 2
$YFFC1C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPIFIE
WREN
WRTO
0
ENDQP[3:0]
0
0
0
0
NEWQP[3:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PCS to SCK Delay
DSCKL[6:0]
f
sys
-------------------------------
=
Delay after Transfer
32
DTL[7:0]
×
f
sys
------------------------------------
=
Standard Delay after Transfer
17
f
sys
--------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com