Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 421 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 421 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 417Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 418Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 419Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 420Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 421Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 422Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 423Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 424Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 425Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-47
WOMQ — Wired-OR Mode for QSPI Pins
0 = Pins designated for output by DDRQS operate in normal mode.
1 = Pins designated for output by DDRQS operate in open-drain mode.
BITS[3:0] — Bits Per Transfer
In master mode, when BITSE is set in a command RAM byte, BITS[3:0] determines
the number of data bits transferred. When BITSE is cleared, eight bits are transferred.
Reserved values default to eight bits. In slave mode, the command RAM is not used
and the setting of BITSE has no effect on QSPI transfers. Instead, the BITS[3:0] field
determines the number of bits the QSPI will receive during each transfer before storing
the received data.
Table D-35 shows the number of bits per transfer.
CPOL — Clock Polarity
0 = The inactive state of SCK is logic zero.
1 = The inactive state of SCK is logic one.
CPOL is used to determine the inactive state of the serial clock (SCK). It is used with
CPHA to produce a desired clock/data relationship between master and slave devices.
CPHA — Clock Phase
0 = Data is captured on the leading edge of SCK and changed on the trailing edge
of SCK.
1 = Data is changed on the leading edge of SCK and captured on the trailing edge
of SCK
CPHA determines which edge of SCK causes data to change and which edge causes
data to be captured. CPHA is used with CPOL to produce a desired clock/data rela-
tionship between master and slave devices.
Table D-35 Bits Per Transfer
BITS[3:0]
Bits Per Transfer
0000
16
0001
Reserved
0010
Reserved
0011
Reserved
0100
Reserved
0101
Reserved
0110
Reserved
0111
Reserved
1000
8
1001
9
1010
10
1011
11
1100
12
1101
13
1110
14
1111
15
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com