Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 422 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 422 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 418Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 419Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 420Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 421Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 422Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 423Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 424Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 425Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 426Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-48
USER’S MANUAL
SPBR[7:0] — Serial Clock Baud Rate
The QSPI uses a modulus counter to derive the SCK baud rate from the MCU system
clock. Baud rate is selected by writing a value from two to 255 into SPBR[7:0]. The
following equation determines the SCK baud rate:
or
Giving SPBR[7:0] a value of zero or one disables the baud rate generator. SCK is dis-
abled and assumes its inactive state value. No serial transfers occur. At reset, the SCK
baud rate is initialized to one-eighth of the system clock frequency. SPBR has 254 ac-
tive values. Table D-36 lists several possible baud values and the corresponding SCK
frequency based on a 16.78-MHz system clock.
D.6.11 QSPI Control Register 1
SPCR1 enables the QSPI and specifies transfer delays. SPCR1 must be written last
during initialization because it contains SPE. Writing a new value to SPCR1 while the
QSPI is enabled disrupts operation.
SPE — QSPI Enable
0 = QSPI is disabled. QSPI pins can be used for general-purpose I/O.
1 = QSPI is enabled. Pins allocated by PQSPAR are controlled by the QSPI.
Table D-36 Examples of SCK Frequencies
fsys
Required
Division Ratio
Value of SPBR
Actual SCK
Frequency
16.78 MHz
4
2
4.19 MHz
8
4
2.10 MHz
16
8
1.05 MHz
34
17
493 kHz
168
84
100 kHz
510
255
33 kHz
SPCR1 — QSPI Control Register 1
$YFFC1A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPE
DSCKL[6:0]
DTL[7:0]
RESET:
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
0
SCK Baud Rate
f
sys
2
SPBR[7:0]
×
-------------------------------------
=
SPBR[7:0]
f
sys
2
SCK
×
Baud Rate Desired
--------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com