Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 425 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 425 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 421Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 422Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 423Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 424Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 425Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 426Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 427Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 428Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 429Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-51
HMIE — HALTA and MODF Interrupt Enable
0 = HALTA and MODF interrupts disabled.
1 = HALTA and MODF interrupts enabled.
HMIE enables interrupt requests generated by the HALTA status flag or the MODF
status flag in SPSR.
HALT — Halt QSPI
0 = QSPI operates normally.
1 = QSPI is halted for subsequent restart.
When HALT is set, the QSPI stops on a queue boundary. It remains in a defined state
from which it can later be restarted.
SPIF — QSPI Finished Flag
0 = QSPI is not finished.
1 = QSPI is finished.
SPIF is set after execution of the command at the address in ENDQP[3:0].
MODF — Mode Fault Flag
0 = Normal operation.
1 = Another SPI node requested to become the network SPI master while the QSPI
was enabled in master mode.
The QSPI asserts MODF when the QSPI is in master mode (MSTR = 1) and the SS
input pin is negated by an external driver.
HALTA — Halt Acknowledge Flag
0 = QSPI is not halted.
1 = QSPI is halted.
HALTA is set when the QSPI halts in response to setting the SPCR3 HALT bit.
Bit 4 — Not Implemented
CPTQP[3:0] — Completed Queue Pointer
CPTQP[3:0] points to the last command executed. It is updated when the current com-
mand is complete. When the first command in a queue is executing, CPTQP[3:0] con-
tains either the reset value $0 or a pointer to the last command completed in the
previous queue.
D.6.14 Receive Data RAM
RR[0:F] — Receive Data RAM
$YFFD00 – $YFFD1F
Data received by the QSPI is stored in this segment. The CPU16 reads this segment
to retrieve data from the QSPI. Data stored in receive RAM is right-justified. Unused
bits in a receive queue entry are set to zero by the QSPI upon completion of the indi-
vidual queue entry. Receive RAM data can be accessed using byte, word, or long-
word addressing.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com