Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 428 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 428 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 424Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 425Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 426Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 427Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 428Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 429Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 430Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 431Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 432Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-54
USER’S MANUAL
D.7 Multichannel Communication Interface Module
The MCCI is used only in the MC68HC16Z4 and the MC68CK16Z4. Table D-37
shows the MCCI address map.
D.7.1 MCCI Module Configuration Register
MMCR bits enable stop mode, establish the privilege level required to access certain
MCCI registers, and determine the arbitration priority of MCCI interrupt requests.
Table D-37 MCCI Address Map
Address1
NOTES:
1. Y = M111, where M is the logic state of the module mapping (MM) bit in the SIMCR.
15
8
7
0
$YFFC00
MCCI Module Configuration Register (MMCR)
$YFFC02
MCCI Test Register (MTEST)
$YFFC04
SCI Interrupt Level Register (ILSCI)
MCCI Interrupt Vector Register (MIVR)
$YFFC06
SPI Interrupt Level Register (ILSPI)
Not Used
$YFFC08
Not Used
MCCI Pin Assignment Register (MPAR)
$YFFC0A
Not Used
MCCI Data Direction Register (MDDR)
$YFFC0C
Not Used
MCCI Port Data Register (PORTMC)
$YFFC0E
Not Used
MCCI Port Pin State Register (PORTMCP)
$YFFC10 –
$YFFC16
Not Used
$YFFC18
SCIA Control Register 0 (SCCR0A)
$YFFC1A
SCIA Control Register 1 (SCCR1A)
$YFFC1C
SCIA Status Register (SCSRA)
$YFFC1E
SCIA Data Register (SCDRA)
$YFFC20 –
$YFFC26
Not Used
$YFFC28
SCIB Control Register 0 (SCCR0B)
$YFFC2A
SCIB Control Register 1 (SCCR1B)
$YFFC2C
SCIB Status Register (SCSRB)
$YFFC2E
SCIB Data Register (SCDRB)
$YFFC30 –
$YFFC36
Not Used
$YFFC38
SPI Control Register (SPCR)
$YFFC3A
Not Used
$YFFC3C
SPI Status Register (SPSR)
$YFFC3E
SPI Data Register (SPDR)
MMCR — MCCI Module Configuration Register
$YFFC00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STOP
NOT USED
SUPV
NOT USED
IARB[3:0]
RESET:
0
1
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com