Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 432 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 432 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 428Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 429Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 430Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 431Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 432Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 433Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 434Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 435Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 436Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-58
USER’S MANUAL
D.7.7 MCCI Data Direction Register
MDDR determines whether pins configured for general-purpose I/O are inputs or out-
puts. MDDR affects both SPI function and I/O function. During reset, all MCCI pins are
configured as inputs. Table D-40 shows the effect of MDDR on MCCI pin function.
MDDR — MCCI Data Direction Register
$YFFC0A
15
8
7
6
5
4
3
2
1
0
NOT USED
DDR7
DDR6
DDR5
DDR4
DDR3
DDR2
DDR1
DDR0
RESET:
0
0
0
0
0
0
0
0
Table D-40 Effect of MDDR on MCCI Pin Function
MCCI Pin
Mode
MDDR Bit
Bit State
Pin Function
MISO
Master
DDR0
0
Serial data input to SPI
1
Disables data input
Slave
0
Disables data output
1
Serial data output from SPI
MOSI
Master
DDR1
0
Disables data output
1
Serial data output from SPI
Slave
0
Serial data input to SPI
1
Disables data input
SCK1
NOTES:
1. SCK is automatically assigned to the SPI whenever the SPI is enabled (when the SPE
bit in the SPCR1 is set).
Master
DDR2
—
Clock output from SPI
Slave
—
Clock input to SPI
SS
Master
DDR3
0
Assertion causes mode fault
1
General-purpose I/O
Slave
0
SPI slave-select input
1
Disables slave-select input
RXDB2
2. PMC4 and PMC6 function as general-purpose I/O pins when the corresponding RE bit
in the SCI control register (SCCR0A or SCCR0B) is cleared.
—
DDR4
0
General-purpose I/O
1
Serial data input to SCIB
TXDB3
3. PMC5 and PMC7 function as general-purpose I/O pins when the corresponding TE bit
in the SCI control register (SCCR0A or SCCR0B) is cleared.
—
DDR5
0
General-purpose I/O
1
Serial data output from SCIB
RXDA
—
DDR6
0
General-purpose I/O
1
Serial data input to SCIA
TXDA3
—
DDR7
0
General-purpose I/O
1
Serial data output from SCIA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com