Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 429 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 429 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 425Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 426Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 427Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 428Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 429Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 430Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 431Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 432Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 433Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-55
STOP — Low-Power Stop Mode Enable
0 = MCCI clock operates normally.
1 = MCCI clock is stopped.
When STOP is set, the MCCI enters low-power stop mode. The system clock input to
the module is disabled. While STOP is set, only MMCR reads and writes are guaran-
teed to be valid. Only writes to other MCCI registers are guaranteed valid. The SCI re-
ceiver and transmitter must be disabled before STOP is set. To stop the SPI, set the
HALT bit in SPCR3, wait until the HALTA flag is set, then set STOP.
Bits [14:8] — Not Implemented
SUPV — Supervisor/Unrestricted
This bit has no effect because the CPU16 in the MCU operates only in supervisor
mode.
Bits [6:4] — Not Implemented
IARB[3:0] — Interrupt Arbitration ID
The IARB field is used to arbitrate between simultaneous interrupt requests of the
same priority. Each module that can generate interrupt requests must be assigned a
unique, non-zero IARB field value.
D.7.2 MCCI Test Register
MTEST — MCCI Test Register
$YFFC02
Used for factory test only.
D.7.3 SCI Interrupt Level Register/MCCI Interrupt Vector Register
Bits [15:14] — Not Implemented
ILSCIA[2:0], ILSCIB[2:0] — Interrupt Level for SCIA, SCIB
The values of ILSCIA[2:0] and ILSCIB[2:0] in ILSCI determine the interrupt request
levels of SCIA and SCIB interrupts, respectively. Program this field to a value from $0
(interrupts disabled) through $7 (highest priority).
ILSCI — SCI Interrupt Level Register
$YFFC04
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
ILSCIB[2:0]
ILSCIA[2:0]
MIVR
RESET:
0
0
0
0
0
0
0
0
0
0
1
1
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com