Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 430 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 430 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 426Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 427Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 428Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 429Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 430Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 431Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 432Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 433Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 434Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-56
USER’S MANUAL
D.7.4 MCCI Interrupt Vector Register
The MIVR determines which three vectors in the exception vector table are to be used for
MCCI interrupts. The SPI and both SCI interfaces have separate interrupt vectors adja-
cent to one another. When initializing the MCCI, program INTV[7:2] so that INTV[7:0] cor-
respond to three of the user-defined vectors ($40–$FF). INTV[1:0] are determined by the
serial interface causing the interrupt, and are set by the MCCI.
At reset, MIVR is initialized to $0F, which corresponds to the uninitialized interrupt vector
in the exception table.
INTV[7:2] — Interrupt Vector
INTV[7:2] are the six high-order bits of the three MCCI interrupt vectors for the MCCI,
as programmed by the user.
INTV[1:0] — Interrupt Vector Source
INTV[1:0] are the two low-order bits of the three interrupt vectors for the MCCI. They
are automatically set by the MCCI to indicate the source of the interrupt. Refer to Table
D-38.
Writes to INTV0 and INTV1 have no meaning or effect. Reads of INTV0 and INTV1
return a value of one.
D.7.5 SPI Interrupt Level Register
The ILSPI determines the priority level of interrupts requested by the SPI.
Bits [15:14] — Not Implemented
MIVR — MCCI Interrupt Vector Register
$YFFC05
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ILSCI
INTV[7:2]
INTV[1:0]
RESET:
0
0
0
0
1
1
1
1
Table D-38 Interrupt Vector Sources
INTV[1:0]
Source of Interrupt
00
SCIA
01
SCIB
10
SPI
ILSPI — SPI Interrupt Level Register
$YFFC06
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
ILSPI[2:0]
NOT USED
NOT USED
RESET:
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com