Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 433 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 433 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 429Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 430Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 431Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 432Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 433Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 434Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 435Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 436Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 437Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-59
D.7.8 MCCI Port Data Registers
Two registers are associated with port MCCI, the MCCI general-purpose I/O port. Pins
used for general-purpose I/O must be configured for that function. When using port
MCCI as an output port, after configuring the pins as I/O, write the first byte to be out-
put before writing to the MDDR. Afterwards, write to the MDDR to assign each I/O pin
as either input or output. This outputs the value contained in register PORTMC for all
pins defined as outputs. To output different data, write another byte to PORTMC.
Writes to PORTMC are stored in the internal data latch. If any bit of PORTMC is con-
figured as discrete output, the value latched for that bit is driven onto the pin. Reads
of PORTMC return the value of the pin only if the pin is configured as a discrete input.
Otherwise, the value read is the value of the latch.
Reads of PORTMCP always return the state of the pins regardless of whether the pins
are configured for input or output. Writes to PORTMCP have no effect.
D.7.9 SCI Control Register 0
SCCR0 contains the SCI baud rate selection field. Baud rate must be set before the
SCI is enabled. The CPU16 can read and write SCCR0 at any time. Changing the val-
ue of SCCR0 bits during a transfer operation can disrupt the transfer.
Bits [15:13] — Not Implemented
SCBR[12:0] — SCI Baud Rate
SCI baud rate is programmed by writing a 13-bit value to this field. Writing a value of
zero to SCBR disables the baud rate generator. Baud clock rate is calculated as fol-
lows:
PORTMC — MCCI Port Data Register
$YFFC0C
PORTMCP — MCCI Port Pin State Register
$YFFC0E
15
9
8
7
6
5
4
3
2
1
0
NOT USED
PMC7
PMC6
PMC5
PMC5
PMC4
PMC3
PMC2
PMC1
PMC0
RESET:
U
U
U
U
U
U
U
U
U
SCCR0A — SCIA Control Register 0
$YFFC18
SCCR0B — SCIB Control Register 0
$YFFC28
15
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
SCBR[12:0]
RESET:
0
0
0
0
0
0
0
0
0
0
1
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com