Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 431 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 431 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 427Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 428Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 429Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 430Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 431Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 432Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 433Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 434Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 435Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-57
ILSPI[2:0] — Interrupt Level for SPI
ILSPI[2:0] determine the interrupt request levels of SPI interrupts. Program this field
to a value from $0 (interrupts disabled) through $7 (highest priority). If the interrupt-
request level programmed in this field matches the interrupt-request level pro-
grammed for one of the SCI interfaces and both request an interrupt simultaneously,
the SPI is given priority.
Bits [10:8] — Not Implemented
D.7.6 MCCI Pin Assignment Register
The MPAR determines which of the SPI pins, with the exception of the SCK pin, are
actually used by the SPI submodule, and which pins are available for general-purpose
I/O. The state of SCK is determined by the SPI enable bit in SPCR1. Clearing a bit in
MPAR assigns the corresponding pin to general-purpose I/O; setting a bit assigns the
pin to the SPI. Refer to Table D-39.
Bits [15:8], [7:4], 2 — Not Implemented
SPI pins designated by the MPAR as general-purpose I/O are controlled only by
MDDR and PORTMC. The SPI has no effect on these pins. The MPAR does not affect
the operation of the SCI submodule.
MPAR — MCCI Pin Assignment Register
$YFFC08
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
MPA3
NOT
USED
MPA1
MPA0
RESET:
0
0
0
0
0
0
0
0
0
0
0
Table D-39 MPAR Pin Assignments
MPAR Field
MPAR Bit
Pin Function
MPA0
0
1
PMC0
MISO
MPA1
0
1
PMC1
MOSI
—1
NOTES:
1. MPA[7:4], MPA2 are not implemented.
—
PMC2
SCK
MPA3
0
1
PMC3
SS
—1
—
PMC4
RXDB
—1
—
PMC5
TXDB
—1
—
PMC6
RXDA
—1
—
PMC7
TXDA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com