Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 186Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 187Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 188Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 189Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 190Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 191Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 192Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 193Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 500 page
background image
ANALOG-TO-DIGITAL CONVERTER
M68HC16 Z SERIES
8-4
USER’S MANUAL
STOP is set during system reset, and must be cleared before the ADC can be used.
Because analog circuit bias currents are turned off during low-power stop mode, the
ADC requires recovery time after STOP is cleared.
Execution of the CPU16 LPSTOP command places the entire modular microcontroller
in low-power stop mode. Refer to 5.3.4 Low-Power Operation for more information.
8.5.2 Freeze Mode
When the CPU16 in the modular microcontroller enters background debug mode, the
FREEZE signal is asserted. The type of response is determined by the value of the
FRZ[1:0] field in the ADCMCR. Table 8-1 shows the different ADC responses to
FREEZE assertion.
When the ADC freezes, the ADC clock stops and all sequential activity ceases.
Contents of control and status registers remain valid while frozen. When the FREEZE
signal is negated, ADC activity resumes.
If the ADC freezes during a conversion, activity resumes with the next step in the con-
version sequence. However, capacitors in the analog conversion circuitry discharge
while the ADC is frozen; as a result, the conversion will be inaccurate.
Refer to 4.14.4 Background Debug Mode for more information.
8.6 Analog Subsystem
The analog subsystem consists of a multiplexer, sample capacitors, a buffer amplifier,
an RC DAC array, and a high-gain comparator. Comparator output sequences the
successive approximation register (SAR). The interface between the comparator and
the SAR is the boundary between ADC analog and digital subsystems.
8.6.1 Multiplexer
The multiplexer selects one of 16 sources for conversion. Eight sources are internal
and eight are external. Multiplexer operation is controlled by channel selection field
CD:CA in register ADCTL1. Table 8-2 shows the different multiplexer channel
sources. The multiplexer contains positive and negative stress protection circuitry.
This circuitry prevents voltages on other input channels from affecting the current con-
version.
Table 8-1 FRZ Field Selection
FRZ[1:0]
Response
00
Ignore FREEZE, continue conversions
01
Reserved
10
Finish conversion in process, then freeze
11
Freeze immediately
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com