Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 187Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 188Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 189Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 190Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 191Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 192Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 193Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 194Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-5
8.6.2 Sample Capacitor and Buffer Amplifier
Each of the eight external input channels is associated with a sample capacitor and
share a single sample buffer amplifier. After a conversion is initiated, the multiplexer
output is connected to the sample capacitor at the input of the sample buffer amplifier
for the first two ADC clock cycles of the sampling period. The sample amplifier buffers
the input channel from the relatively large capacitance of the RC DAC array.
During the second two clock cycles of a sampling period, the sample capacitor is dis-
connected from the multiplexer, and the sample buffer amplifier charges the RC DAC
array with the value stored in the sample capacitor.
During the third portion of a sampling period, both sample capacitor and buffer ampli-
fier are bypassed, and multiplexer input charges the DAC array directly. The length of
this third portion of a sampling period is determined by the value of the STS field in
ADCTL0.
8.6.3 RC DAC Array
The RC DAC array consists of binary-weighted capacitors and a resistor-divider chain.
The array performs two functions: it acts as a sample hold circuit during conversion,
and it provides each successive digital-to-analog comparison voltage to the compara-
tor. Conversion begins with MSB comparison and ends with LSB comparison. Array
switching is controlled by the digital subsystem.
Table 8-2 Multiplexer Channel Sources
[CD:CA] Value
Input Source
0000
AN0
0001
AN1
0010
AN2
0011
AN3
0100
AN4
0101
AN5
0110
AN6
0111
AN7
1000
Reserved
1001
Reserved
1010
Reserved
1011
Reserved
1100
VRH
1101
VRL
1110
(VRH – VRL) / 2
1111
Test/Reserved
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com