Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 190Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 191Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 192Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 193Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 194Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 195Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 196Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 197Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 500 page
background image
ANALOG-TO-DIGITAL CONVERTER
M68HC16 Z SERIES
8-8
USER’S MANUAL
8.7.5.1 Conversion Parameters
Table 8-5 describes the conversion parameters controlled by bits in ADCTL1.
8.7.5.2 Conversion Modes
Conversion modes are defined by the state of the SCAN, MULT, and S8CM bits in
ADCTL1. Table 8-6 shows mode numbering.
The following paragraphs describe each type of conversion mode:
Mode 0 — A single four-conversion sequence is performed on a single input channel
specified by the value in CD:CA. Each result is stored in a separate result register
(RSLT0 to RSLT3). The appropriate CCF bit in ADCSTAT is set as each register is
filled. The SCF bit in ADCSTAT is set when the conversion sequence is complete.
Mode 1 — A single eight-conversion sequence is performed on a single input channel
specified by the value in CD:CA. Each result is stored in a separate result register
(RSLT0 to RSLT7). The appropriate CCF bit in ADCSTAT is set as each register is
filled. The SCF bit in ADCSTAT is set when the conversion sequence is complete.
Table 8-5 Conversion Parameters Controlled by ADCTL1
Conversion Parameter
Description
Conversion channel
The value of the channel selection field (CD:CA) in ADCTL1 determines
which multiplexer inputs are used in a conversion sequence. There are
16 possible inputs. Seven inputs are external pins (AN[6:0]), and nine
are internal.
Length of sequence
A conversion sequence consists of either four or eight conversions. The
number of conversions in a sequence is determined by the state of the
S8CM bit in ADCTL1.
Single or continuous conversion
Conversion can be limited to a single sequence or a sequence can be
performed continuously. The state of the SCAN bit in ADCTL1 deter-
mines whether single or continuous conversion is performed.
Single or multiple channel conversion
Conversion sequence(s) can be run on a single channel or on a block of
four or eight channels. Channel conversion is controlled by the state of
the MULT bit in ADCTL1.
Table 8-6 ADC Conversion Modes
SCAN
MULT
S8CM
Mode
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com