Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 192 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 192 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 188Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 189Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 190Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 191Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 192Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 193Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 194Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 195Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 196Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 500 page
background image
ANALOG-TO-DIGITAL CONVERTER
M68HC16 Z SERIES
8-6
USER’S MANUAL
8.6.4 Comparator
The comparator indicates whether each approximation output from the RC DAC array
during resolution is higher or lower than the sampled input voltage. Comparator output
is fed to the digital control logic, which sets or clears each bit in the successive approx-
imation register in sequence, MSB first.
8.7 Digital Control Subsystem
The digital control subsystem includes control and status registers, clock and prescal-
er control logic, channel and reference select logic, conversion sequence control logic,
and the successive approximation register.
The subsystem controls the multiplexer and the output of the RC array during sample
and conversion periods, stores the results of comparison in the successive-approxi-
mation register, then transfers results to the result registers.
8.7.1 Control/Status Registers
There are two control registers (ADCTL0, ADCTL1) and one status register
(ADCSTAT). ADCTL0 controls conversion resolution, sample time, and clock/prescal-
er value. ADCTL1 controls analog input selection, conversion mode, and initiation of
conversion. A write to ADCTL0 aborts the current conversion sequence and halts the
ADC. Conversion must be restarted by writing to ADCTL1. A write to ADCTL1 aborts
the current conversion sequence and starts a new sequence with parameters altered
by the write. ADCSTAT shows conversion sequence status, conversion channel sta-
tus, and conversion completion status.
The following paragraphs are a general discussion of control function. D.5 Analog-to-
Digital Converter Module shows the ADC address map and discusses register bits
and fields.
8.7.2 Clock and Prescaler Control
The ADC clock is derived from the system clock by a programmable prescaler. ADC
clock period is determined by the value of the PRS field in ADCTL0. The prescaler has
two stages. The first stage is a 5-bit modulus counter. It divides the system clock by
any value from two to 32 (PRS[4:0] = %00000 to %11111). The second stage is a di-
vide-by-two circuit. Table 8-3 shows prescaler output values.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com