Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products MAX2829 Datasheet HTML 10Page - Maxim Integrated Products MAX2829 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
_______________________________________________________________________________________
7
AC ELECTRICAL CHARACTERISTICS—802.11a Rx Mode (MAX2828/MAX2829) (continued)
(MAX2828/MAX2829 evaluation kits: VCC = +2.7V, fIN = 5.25GHz; receiver baseband I/Q outputs at 112mVRMS (-19dBV), fREFOSC =
40MHz, SHDN = RXENA = CS = high, RXHP = TXENA = SCLK = DIN = low, RBIAS = 11k
Ω, registers set to default settings and cor-
responding test mode, TA = +25°C, unless otherwise noted. Unmodulated single-tone RF input signal is used, unless otherwise indi-
cated.) (Tables 1, 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage gain = 35dB,
with B7:B6 = 11
-24
Voltage gain = 20dB,
with B7:B6 = 10
-5
In-Band Input IP3
Tones at 7MHz and
8MHz, IM3 at 6MHz
and 9MHz, PIN =
-40dBm per tone
Voltage gain = 5dB,
with B7:B6 = 0X
13
dBm
I/Q Phase Error
B7:B1 = 1101110, 1
σ variation
±0.4
degrees
I/Q Gain Imbalance
B7:B1 = 1101110, 1
σ variation
±0.1
dB
Tx-to-Rx Conversion Gain for Rx
I/Q Calibration
B7:B1 = 0001111 (Note 4)
0
dB
I/Q Static DC Offset
RXHP = 1, B7:B1 = 1101110, 1
σ variation
±2mV
I/Q DC Droop
After switching RXHP to 0, D2 = 0 (see the Rx
Control/RSSI Register Definition section)
±1
mV/ms
RF Gain-Change Settling Time
Gain change from high gain to medium gain, high gain to
low gain, or medium gain to low gain; gain settling to
within
±2dB of steady state
0.4
µs
Baseband VGA Settling Time
Gain change from B5:B1 = 10111 to B5:B1 = 00111;
gain settling to within
±2dB of steady state
0.1
µs
Minimum differential resistance
10
k
Ω
Rx I/Q Output Load Impedance
Maximum differential capacitance
8
pF
Spurious Signal Emissions at LNA
input
RF = 1GHz to 26.5GHz
-50
dBm
RECEIVER BASEBAND FILTERS
Narrow-band mode
7.5
Nominal mode
9.5
Turbo mode 1
14
Baseband -3dB Corner
Frequency
(See the Lowpass
Filter Register
Definition section)
Turbo mode 2
18
MHz
fBASEBAND = 15MHz
20
fBASEBAND = 20MHz
39
Baseband Filter Rejection
(Nominal Mode)
fBASEBAND > 40MHz
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com