Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 28Page - Maxim Integrated Products MAX2829 Datasheet HTML 29Page - Maxim Integrated Products MAX2829 Datasheet HTML 30Page - Maxim Integrated Products MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products MAX2829 Datasheet HTML 34Page - Maxim Integrated Products MAX2829 Datasheet HTML 35Page - Maxim Integrated Products MAX2829 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
32
______________________________________________________________________________________
grammed. The interface can be programmed through
the 3-wire SPI/MICROWIRE™-compatible serial port.
On startup, it is recommended to reset all registers by
placing the device in SPI reset mode (Table 5).
Standby Register Definition (A3:A0 = 0010)
Various internal blocks can be turned on or off using
the standby register (in standby mode, see Table 10).
Setting a bit to 1 turns the block on, while setting a bit
to 0 turns the block off.
Integer-Divider Ratio Register Definition
(A3:A0 = 0011)
This register contains the integer portion of the divider
ratio of the synthesizer. This register, in conjunction with
the fractional-divider ratio register, permits selection of a
precise frequency. The main synthesizer divide ratio is
an 8-bit value for the integer portion (see Table 11). Valid
values for this register are from 128 to 255 (D7–D0). The
default value is 210. D13 and D12 are reserved for the 2
LSBs of the fractional-divider ratio.
Fractional-Divider Ratio Register Definition
(A3:A0 = 0100)
This register (along with D13 and D12 of the integer-
divider ratio register) controls the fractional-divider ratio
with 16-bit resolution. D13 to D0 of this register com-
bined with D13 and D12 of the integer-divider ratio reg-
ister form the whole fractional-divider ratio (see Tables
12a and 12b).
DATA BIT DEFAULT
DESCRIPTION
D13
1
D12
1
2 LSBs of the Fractional-Divider Ratio
D11
0
D10
0
D9
0
D8
0
Set to 0
D7
1
D6
0
D5
1
D4
0
D3
0
D2
0
D1
1
D0
0
Integer-Divider Ratio Word
Programming Bits. Valid values are
from 128 (D7:D0 = 10000000) to 255
(D7:D0 = 11111111).
Table 11. Integer-Divider Ratio Register
(A3:A0 = 0011)
INTEGER-DIVIDER
RATIO
FRACTIONAL-DIVIDER RATIO
fRF
(MHz)
(fRF x 4/3) / 20MHz
(DIVIDER RATIO)
A3:A0 = 0011, D7:D0
A3:A0 = 0100, D13:D0 (hex)
A3:A0 = 0011, D13:D12 (hex)
2412
160.8000
1010 0000
3333
00
2417
161.1333
1010 0001
0888
10
2422
161.4667
1010 0001
1DDD
11
2427
161.8000
1010 0001
3333
00
2432
162.1333
1010 0010
0888
10
2437
(default)
162.4667
1010 0010
1DDD
11
2442
162.8000
1010 0010
3333
00
2447
163.1333
1010 0011
0888
10
2452
163.4667
1010 0011
1DDD
11
2457
163.8000
1010 0011
3333
00
2462
164.1333
1010 0100
0888
10
2467
164.4667
1010 0100
1DDD
11
2472
164.8000
1010 0100
3333
00
2484
165.6000
1010 0101
2666
01
Table 12a. IEEE 802.11g Frequency Plan and Divider Ratio Programming Words
MICROWIRE is a trademark of National Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com