Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 20Page - Maxim Integrated Products MAX2829 Datasheet HTML 21Page - Maxim Integrated Products MAX2829 Datasheet HTML 22Page - Maxim Integrated Products MAX2829 Datasheet HTML 23Page - Maxim Integrated Products MAX2829 Datasheet HTML 24Page - Maxim Integrated Products MAX2829 Datasheet HTML 25Page - Maxim Integrated Products MAX2829 Datasheet HTML 26Page - Maxim Integrated Products MAX2829 Datasheet HTML 27Page - Maxim Integrated Products MAX2829 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
24
______________________________________________________________________________________
Block Diagrams/Typical Operating Circuits
Tx ANALOG INPUT
SIGNAL FROM
BASEBAND IC
REFERENCE
OSCILLATOR INPUT
SERIAL INPUT FROM
BASEBAND IC
Rx ANALOG OUTPUT
TO BASEBAND IC
5GHz Tx RF OUTPUT
TO BPF AND PA
PA BIAS CURRENT
TO PA
MODE-CONTROL
LOGIC SIGNAL FROM
BASEBAND IC
5GHz Rx RF OUTPUT FROM
SWITCH AND BPF
Rx FRONT-END GAIN-CONTROL BIT
FROM BASEBAND IC
Rx FRONT-END AND Tx BASEBAND
GAIN-CONTROL BIT FROM
BASEBAND IC
Rx/Tx BASEBAND-CONTROL BITS FROM
BASEBAND IC
CONTROL BIT FROM
BASEBAND IC
MODE-CONTROL
LOGIC SIGNAL FROM
BASEBAND IC
RSSI OUTPUT
MODE-CONTROL
LOGIC SIGNAL FROM
BASEBAND IC
LOCK-DETECT OUTPUT
TO BASEBAND IC
0.5pF
0.5pF
1.2pF
1.2pF
620
Ω
300
Ω
10nF
C1
150pF
C2
560pF
2nH
1.8nH
2
1
3
4
5
6
7
8
B6
VCC
VCC
B7
N.C.
N.C.
N.C.
GND
RXRFH
GND
TXRFH+
9
TXRFH-
TXENA
PABIAS
RXENA
RXHP
RSSI
VCC
VCC
BYPASS
GND
GND
CPOUT
GND
ROSC
LD
10
11
12
13
15
16
17
18
19
20
14
21
22
23
24
25
26
27
28
29
33
32
31
34
35
36
37
38
39
40
41
42
55
54
53
52
51
50
49
48
47
46
45
44
43
56
30
TUNE
MAX2828
SHDN
MUX
RSSI
MUX
PLL
SERIAL
INTERFACE
0
°
90
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com