Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2829 Datasheet HTML 1Page - Maxim Integrated Products MAX2829 Datasheet HTML 2Page - Maxim Integrated Products MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
General Description
The MAX2828/MAX2829 single-chip, RF transceiver ICs
are designed specifically for OFDM 802.11 WLAN appli-
cations. The MAX2828 is designed for single-band
802.11a applications covering world-band frequencies
of 4.9GHz to 5.875GHz. The MAX2829 is designed for
dual-band 802.11a/g applications covering world-bands
of 2.4GHz to 2.5GHz and 4.9GHz to 5.875GHz. The ICs
include all circuitry required to implement the RF trans-
ceiver function, providing a fully integrated receive path,
transmit path, VCO, frequency synthesizer, and base-
band/control interface. Only the PA, RF switches, RF
bandpass filters (BPF), RF baluns, and a small number
of passive components are needed to form the com-
plete RF front-end solution.
Each IC completely eliminates the need for external SAW
filters by implementing on-chip monolithic filters for both
the receiver and transmitter. The baseband filtering and
the Rx/Tx signal paths are optimized to meet the
802.11a/g IEEE standards and cover the full range of the
required data rates (6, 9, 12, 18, 24, 36, 48, and 54Mbps
for OFDM; 1, 2, 5.5, and 11Mbps for CCK/DSSS), at
receiver sensitivity levels up to 10dB better than 802.11a/g
standards. The MAX2828/MAX2829 transceivers are avail-
able in the small 56-pin, exposed paddle thin QFN pack-
age.
Applications
Single-/Dual-Band 802.11a/b/g Radios
4.9GHz Public Safety Radios
2.4GHz/5GHz MIMO and Smart Antenna Systems
Features
o World-Band Operation
MAX2828: 4.9GHz to 5.875GHz (802.11a)
MAX2829: 2.4GHz to 2.5GHz and 4.9GHz to
5.875GHz (802.11a/b/g)
o Best-In-Class Transceiver Performance
-75dBm Rx Sensitivity at 54Mbps (802.11g)
-46dB (802.11g)/-51dB (802.11a) Tx Sideband
Suppression
1.5% (802.11g) and 2% (802.11a) Tx EVM
-100dBc/Hz (802.11g)/-95dBc/Hz (802.11a)
LO Phase Noise
Programmable Baseband Lowpass Filters
Integrated PLL with 3-Wire Serial Interface
93dB (802.11g)/97dB (802.11a) Receiver Gain-
Control Range
200ns Rx I/Q DC Settling
60dB Dynamic Range Rx RSSI
30dB Tx Power-Control Range
Tx/Rx I/Q Error Detection
I/Q Analog Baseband Interface for Tx and Rx
Digital Mode Selection (Tx, Rx, Standby, and
Power Down)
Supports Both Serial and Parallel Gain Control
o MIMO and Smart Antenna Compatibility
Coherent LO Phase Among Multiple
Transceivers
o Support 40MHz Channel Bandwidth (Turbo Mode)
o Single +2.7V to +3.6V Supply
o 1µA Low-Power Shutdown Mode
o Small 56-Pin TQFN Package (8mm x 8mm)
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
________________________________________________________________ Maxim Integrated Products
1
2
1
3
4
5
6
7
8
B6
TOP VIEW
VCC
VCC
B7
N.C.
N.C.
N.C.
GND
RXRFH
GND
TXRFH+
9
TXRFH-
TXENA
PABIAS
RXENA
RXHP
RSSI
VCC
VCC
BYPASS
GND
GND
CPOUT
GND
ROSC
LD
10
11
12
13
15 16 17 18 19 20
14
21 22 23 24 25 26 27 28
29
33
32
31
34
35
36
37
38
39
40
41
42
55 54 53 52 51 50 49 48 47 46 45 44 43
56
30
TUNE
MAX2828
SHDN
Pin Configurations
Ordering Information
19-3455; Rev 0; 10/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*EP = Exposed paddle.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX2828 ETN
-40°C to +85°C
56 TQFN-EP* (T5688-2)
MAX2829 ETN
-40°C to +85°C
56 TQFN-EP* (T5688-2)
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX2829

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2829 MAXIM-MAX2829 Datasheet
5Mb / 13P
On-Board Line Drivers and Voltage Reference
Rev 4; 1/16
MAX2829EVKIT MAXIM-MAX2829EVKIT Datasheet
5Mb / 13P
On-Board Line Drivers and Voltage Reference
Rev 4; 1/16
More results

Similar Description - MAX2829

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200 Datasheet
432Kb / 8P
SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems
logo
Freescale Semiconductor...
LP1071 FREESCALE-LP1071 Datasheet
467Kb / 32P
802.11a/b/g Baseband System
logo
SiGe Semiconductor, Inc...
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200_15 Datasheet
415Kb / 7P
802.11a/b/g Single/Dual-band SPDT Switch
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
SKY85806-11 SKYWORKS-SKY85806-11_16 Datasheet
1Mb / 18P
Dual-Band 802.11a/g/n/ac Wireless LAN Front End
logo
Suntsu Electronics, Inc...
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
Bluetooth & IEEE 802.11a/b/g
logo
silex technology americ...
SX-ULPGN-DB SILEX-SX-ULPGN-DB Datasheet
1Mb / 2P
Hostless 802.11a/b/g/n Dual Band Wi-Fi Internet-of-Things Platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com