Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 17Page - Maxim Integrated Products MAX2829 Datasheet HTML 18Page - Maxim Integrated Products MAX2829 Datasheet HTML 19Page - Maxim Integrated Products MAX2829 Datasheet HTML 20Page - Maxim Integrated Products MAX2829 Datasheet HTML 21Page - Maxim Integrated Products MAX2829 Datasheet HTML 22Page - Maxim Integrated Products MAX2829 Datasheet HTML 23Page - Maxim Integrated Products MAX2829 Datasheet HTML 24Page - Maxim Integrated Products MAX2829 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
21
Typical Operating Characteristics (continued)
(VCC = 2.7V, fRF = 2.437GHz (802.11g) or fRF = 5.25GHz (802.11a), fREFOSC = 40MHz, SHDN = CS = high, RXHP = SCLK = DIN =
low, RBIAS = 11k
Ω, TA = +25°C using the MAX2828/MAX2829 evaluation kits.)
802.11a
-40
-30
-35
-10
-5
-20
-25
-15
0
0
8
16
24
32
40
48
64
GAIN SETTINGS
56
TX OUTPUT POWER
vs. GAIN SETTINGS
LO FREQUENCY vs. VTUNE
VTUNE (V)
2.0
1.8
1.4 1.6
0.8 1.0 1.2
0.6
4600
4800
5000
5200
5400
5600
5800
6000
6200
4400
0.4
2.2
HIGH-BAND VCO
D10:D9 = 11
D10:D9 = 11
LOW-BAND VCO
10
10
01
01
00
00
0250
CHANNEL-SWITCHING FREQUENCY SETTLING
(5.35GHz TO 5.15GHz)
0
TIME (
µs)
50
40
-40
30
-30
20
-20
10
-10
-50
0250
CHANNEL-SWITCHING FREQUENCY SETTLING
(5.875GHz TO 4.9GHz)
0
TIME (
µs)
50
40
-40
30
-30
20
-20
10
-10
-50
TX-RX TURNAROUND
FREQUENCY SETTLING
25kHz
-25kHz
5kHz/div
050
TIME (
µs)
1.7
2.1
1.9
2.3
2.0
1.8
2.2
2.4
-35
-30
-25
-20
0
POUT (dBm)
-10
-15
-5
TX EVM
vs. POUT
1k
10k
100k
1M
10M
CLOSED-LOOP PHASE NOISE
FREQUENCY OFFSET (Hz)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-150
-110
-40
-70
-90
-100
-20
-50
-30
-60
-80
-10
5.21GHz
5.29GHz
TX OUTPUT SPECTRUM
(54Mbps OFDM SIGNAL)
B6:B1 = 111100
0
-40
-70
-90
-100
-20
-50
-30
-60
-80
-10
1MHz
26.5GHz
TX OUTPUT SPECTRUM
f = 8.2GHz
f = 7.2GHz
f = 6.2GHz
f = 5.2GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com