Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 25Page - Maxim Integrated Products MAX2829 Datasheet HTML 26Page - Maxim Integrated Products MAX2829 Datasheet HTML 27Page - Maxim Integrated Products MAX2829 Datasheet HTML 28Page - Maxim Integrated Products MAX2829 Datasheet HTML 29Page - Maxim Integrated Products MAX2829 Datasheet HTML 30Page - Maxim Integrated Products MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
29
Shutdown Mode
Shutdown mode is achieved by driving SHDN low. In
shutdown mode, all circuit blocks are powered down,
except for the serial interface. While the device is in
shutdown, the values of the serial interface registers
are maintained and can be changed as long as VCC
(pin 25) is applied.
SPI Reset
By driving RXENA and TXENA high while setting SHDN
low, all circuit blocks are powered down, as in shut-
down mode. However, in SPI reset mode, all registers
are returned to their default states. It is recommended
to reset the SPI and all registers at the start of power-up
to ensure that the registers are set to the correct values
(see Table 9).
Standby Mode
To place the device in standby mode, set SHDN high
and RXENA and TXENA low. This mode is mainly used
to enable the frequency synthesizer block while the rest
of the device is powered down. In this mode, various
blocks in the system can be selectively turned on or off
according to the standby register table (Table 10).
Receive (Rx) Mode
To place the device in Rx mode, set RXENA high. All
receiver blocks are enabled in this mode.
Transmit (Tx) Mode
To place the device in Tx mode, set TXENA high. All
transmitter blocks are enabled in this mode.
Tx/Rx Calibration Mode
The MAX2828/MAX2829 feature Tx/Rx calibration
modes to detect I/Q imbalances and transmit LO leak-
age. In the Tx calibration mode, the LO leakage cali-
bration is done only for the LO leakage signal that is
present at the center frequency of the channel (i.e., in
the middle of the OFDM or QPSK spectrum). The LO
leakage calibration includes the effect of all DC offsets
in the entire baseband paths of the I/Q modulator, and
also includes direct leakage of the LO to the I/Q modu-
lator output.
The transmitter LO leakage and sideband-detector out-
put is taken at the receiver I- or Q-channel output dur-
ing this calibration phase.
During Tx LO leakage and I/Q imbalance calibration, a
sine and cosine signal (f = fTONE) is input to the base-
band I/Q Tx pins from the baseband IC. At the LO leak-
age and sideband-detector output, the LO leakage
corresponds to the signal at fTONE and the sideband
suppression corresponds to the signal at 2 x fTONE.
The output power of these signals vary 2dB for 1dB of
variation in the LO leakage and unwanted sideband
levels. To calibrate the Tx path, first set the power-
detector gain to 8dB (Table 14). Adjust the DC offset of
the baseband inputs to minimize the signal at fTONE
(LO leakage). Then, adjust the baseband input relative
magnitude and phase offsets to reduce the signal at 2
x fTONE. If required, calibration can be done with higher
LO leakage and sideband-detector gain settings to
decrease LO leakage and increase image suppression.
After calibrating the transmitter, receiver calibration can
be done. In Rx calibration mode, the calibrated Tx RF
signal is internally routed to the Rx downconverter
inputs. In this loopback calibration mode, the voltage
regulator must be able to source 350mA total since
both Tx and Rx are turned on simultaneously.
RF Synthesizer Programming
in 5GHz Mode
In the 5GHz mode, the RF frequency synthesizer cov-
ers a 4.9GHz to 5.9GHz range. To achieve this large
tuning range while maintaining excellent noise perfor-
mance, the 1GHz band is divided into sub-bands within
which the VCO is tuned. The selection of the appropri-
ate VCO sub-band is done automatically by a finite
state machine (FSM). The PLL settling time is approxi-
mately 300µs for a change of 1GHz in the channel fre-
quency. A faster PLL settling can be achieved by
overriding the FSM and manually programming the
VCO sub-band.
Automatic VCO Sub-Band Selection
By enabling this band-selection mode, only 1 bit needs
to be programmed to start the frequency acquisition.
The FSM will automatically stop after it selects the cor-
rect VCO sub-band, and after the PLL has locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com