Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 23Page - Maxim Integrated Products MAX2829 Datasheet HTML 24Page - Maxim Integrated Products MAX2829 Datasheet HTML 25Page - Maxim Integrated Products MAX2829 Datasheet HTML 26Page - Maxim Integrated Products MAX2829 Datasheet HTML 27Page - Maxim Integrated Products MAX2829 Datasheet HTML 28Page - Maxim Integrated Products MAX2829 Datasheet HTML 29Page - Maxim Integrated Products MAX2829 Datasheet HTML 30Page - Maxim Integrated Products MAX2829 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
27
Pin Description (continued)
PIN
MAX2828
MAX2829
NAME
FUNCTION
26
26
DIN
Data Digital Input of 3-Wire Serial Interface (See Figure 2)
27
27
SCLK
Clock Digital Input of 3-Wire Serial Interface (See Figure 2)
28
28
CS
Active-Low Enable Digital Input of 3-Wire Serial Interface (See Figure 2)
29
29
LD
Lock-Detect Digital Output of Frequency Synthesizer. Output high indicates that the
frequency synthesizer is locked.
30
30
ROSC
Reference Oscillator Input. Connect an external reference oscillator to this analog input.
31
31
VCC
PLL Charge-Pump Supply Voltage. Bypass with a capacitor as close to the pin as
possible. Do not share the bypass-capacitor ground vias with any other branches.
32
32
GND
Charge-Pump Circuit Ground. Make connections to ground vias as short as possible. Do
not share ground vias with any other branches.
33
33
CPOUT
Charge-Pump Output. Connect the frequency synthesizer’s loop filter between CPOUT
and TUNE. Keep the line from this pin to the tune input as short as possible to prevent
spurious pickup. Connect C2 as close to CPOUT as possible. Do not share the capacitor
ground vias with any other branches (see the Typical Operating Circuit).
34
34
GND
Ground. Make connections to ground vias as short as possible. Do not share ground vias
with any other branches.
35
35
GND
VCO Ground. Make connections to ground vias as short as possible. Do not share ground
vias with any other branches.
36
36
TUNE
VCO TUNE Input. Connect C1 as close to TUNE as possible. Connect the ground of C1 to
VCO ground. Do not share the capacitor ground vias with any other branches (see the
Typical Operating Circuit).
37
37
BYPASS
Bypass with a 0.1µF Capacitor to GND. The capacitor is used by the on-chip VCO voltage
regulator.
38
38
VCC
VCO Supply Voltage. Bypass to system ground as close as possible to the pin with
capacitors. Do not share the ground vias for the bypass capacitors with any other
branches.
39
39
SHDN
Active-Low Shutdown Digital Input. Set high to enable the device.
40
40
RSSI
RSSI or Temperature-Sensor Multiplexed Output
41
41
RXENA
Rx Mode Enable Digital Input. Set high to enable Rx.
42
42
RXHP
Rx Baseband AC-Coupling Highpass Corner Frequency Control Digital Input Selection Bit
43
43
RXBBQ-
44
44
RXBBQ+
Rx Baseband Q-Channel Differential Outputs. In Tx calibration mode, these pins are the
LO leakage and sideband-detector outputs.
45
45
RXBBI-
46
46
RXBBI+
Rx Baseband I-Channel Differential Outputs. In Tx calibration mode, these pins are the LO
leakage and sideband-detector outputs.
47
47
VCC
Rx Baseband Buffer Supply Voltage. Bypass with a capacitor as close to the pin as
possible. Do not share the bypass-capacitor ground vias with any other branches.
48
48
B1
Rx/Tx Gain-Control Digital Input Bit 1
49
49
VCC
Rx Baseband Filter Supply Voltage. Bypass with a capacitor as close to the pin as
possible. Do not share the bypass-capacitor ground vias with any other branches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com