Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products MAX2829 Datasheet HTML 10Page - Maxim Integrated Products MAX2829 Datasheet HTML 11Page - Maxim Integrated Products MAX2829 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
8
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—802.11a Rx Mode (MAX2828/MAX2829) (continued)
(MAX2828/MAX2829 evaluation kits: VCC = +2.7V, fIN = 5.25GHz; receiver baseband I/Q outputs at 112mVRMS (-19dBV), fREFOSC =
40MHz, SHDN = RXENA = CS = high, RXHP = TXENA = SCLK = DIN = low, RBIAS = 11k
Ω, registers set to default settings and cor-
responding test mode, TA = +25°C, unless otherwise noted. Unmodulated single-tone RF input signal is used, unless otherwise indi-
cated.) (Tables 1, 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RSSI
RXHP = 1, low range (D11 = 0, see the Rx Control/RSSI
Register Definition section)
0.5
RSSI Minimum Output Voltage
RXHP = 1, high range (D11 = 1, see the Rx Control/RSSI
Register Definition section)
0.52
V
RXHP = 1, low range (D11 = 0, see the Rx Control/RSSI
Register Definition section)
2
RSSI Maximum Output Voltage
RXHP = 1, high range (D11 = 1, see the Rx Control/RSSI
Register Definition section)
2.5
V
RXHP = 1, low range (D11 = 0, see the Rx Control/RSSI
Register Definition section)
22.5
RSSI Slope
RXHP = 1, high range (D11 = 1, see the Rx Control/RSSI
Register Definition section)
30
mV/dB
+40dB signal step
0.2
RSSI Output Settling Time
To within 3dB of steady
state
-40dB signal step
0.7
µs
AC ELECTRICAL CHARACTERISTICS—802.11g Tx Mode (MAX2829)
(MAX2829 evaluation kit: VCC = +2.7V, fOUT = 2.437GHz, fREFOSC = 40MHz, SHDN = TXENA = CS = high, RXENA = SCLK = DIN =
low, RBIAS = 11k
Ω, 100mVRMS sine and cosine signal (or 100mVRMS, 54Mbps IEEE 802.11g I/Q signals wherever OFDM is men-
tioned) applied to baseband I/Q inputs of transmitter, registers set to default settings and corresponding test mode, TA = +25°C,
unless otherwise noted.) (Table 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMIT SECTION: Tx BASEBAND I/Q INPUTS TO RF OUTPUTS
RF Output Frequency Range, fRF
2.412
2.500
GHz
1.5% EVM
-2.5
Output Power
54Mbps 802.11g OFDM
signal
B6:B1 = 111011
-4.5
dBm
Output Power (CW)
VIN = 100mVRMS at 1MHz I/Q CW signal, B6:B1 =
111111
-2
dBm
Output Power Range
B6:B1 = 111111 to B6:B1 = 000000
30
dB
Carrier Leakage
Without DC offset cancellation
-27
dBc
Unwanted Sideband Suppression
Uncalibrated
-46
dBc
Tx Output ACP
Measured with 1MHz resolution bandwidth at 22MHz
offset from channel center (B6:B1 = 111011), OFDM
signal
-69
dBm/
MHz
RF Output Return Loss
With external 50
Ω match
-14
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com