Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 10Page - Maxim Integrated Products MAX2829 Datasheet HTML 11Page - Maxim Integrated Products MAX2829 Datasheet HTML 12Page - Maxim Integrated Products MAX2829 Datasheet HTML 13Page - Maxim Integrated Products MAX2829 Datasheet HTML 14Page - Maxim Integrated Products MAX2829 Datasheet HTML 15Page - Maxim Integrated Products MAX2829 Datasheet HTML 16Page - Maxim Integrated Products MAX2829 Datasheet HTML 17Page - Maxim Integrated Products MAX2829 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
14
______________________________________________________________________________________
Table 3. Receiver Baseband VGA Gain
Step Control
BIT
GAIN STEP (typ)
B1
2dB
B2
4dB
B3
8dB
B4
16dB
B5
32dB
Table 4. Tx VGA Gain Control Settings
NUMBER
B6:B1
OUTPUT SIGNAL POWER
63
111111
Max
62
111110
Max - 0.5dB
61
111101
Max - 1.0dB
::
:
49
110001
Max - 7dB
48
110000
Max - 7.5dB
47
101111
Max - 8dB
46
101110
Max - 8dB
45
101101
Max - 9dB
44
101100
Max - 9dB
::
:
5
000101
Max - 29dB
4
000100
Max - 29dB
3
000011
Max - 30dB
2
000010
Max - 30dB
1
000001
Max - 30dB
0
000000
Max - 30dB
SCLK
POWER SUPPLY
ON
XTAL-OSC
SHUTDOWN
MODE
STANDBY
MODE
DIN
SHUTDOWN
SCLK (CLOCK)
DIN (DATA)
TXENA
RXENA
PABIAS
RECEIVE
MODE
TRANSMIT
MODE
TRANSMITTER ON
RECEIVER ON
PA BIAS D/A
PA ENABLE
(DRIVES RF T/R SWITCH)
(DRIVES RF T/R SWITCH AND PA ON/OFF)
(DRIVES POWER RAMP CONTROL)
3-WIRE SERIAL INTERFACE AVAILABLE
POWER
SPI:
PROGRAM 2.4GHz OR 5GHz MODE, CHANNEL FREQUENCY, PA BIAS,
TRANSMITTER LINEARITY, RECEIVER RSSI OPERATION, CALIBRATION MODE, ETC.
0 TO 7
µs
CS
SHDN
CS (SELECT)
Figure 1. System Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com