Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 22Page - Maxim Integrated Products MAX2829 Datasheet HTML 23Page - Maxim Integrated Products MAX2829 Datasheet HTML 24Page - Maxim Integrated Products MAX2829 Datasheet HTML 25Page - Maxim Integrated Products MAX2829 Datasheet HTML 26Page - Maxim Integrated Products MAX2829 Datasheet HTML 27Page - Maxim Integrated Products MAX2829 Datasheet HTML 28Page - Maxim Integrated Products MAX2829 Datasheet HTML 29Page - Maxim Integrated Products MAX2829 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
26
______________________________________________________________________________________
Pin Description
PIN
MAX2828
MAX2829
NAME
FUNCTION
1
1
B6
Rx Front-End and Tx Gain-Control Digital Input Bit 6
22
VCC
2.4GHz/5GHz LNA Supply Voltage. Bypass with a capacitor as close to the pin as
possible. Do not share the bypass-capacitor ground vias with any other branches.
3
3
B7
Rx Front-End Gain-Control Digital Input Bit 7
4, 11, 12
—
N.C.
No Connection. Leave unconnected.
5
5
GND
LNA Ground. Make connections to ground vias as short as possible. Do not share ground
vias with any of the other branches.
6
6
RXRFH
5GHz Single-Ended LNA Input. Requires AC-coupling and external matching network.
7
7
GND
LNA Ground. Make connections to ground vias as short as possible. Do not share ground
vias with any other branches.
88
TXRFH+
9
9
TXRFH-
5GHz Tx PA Driver Differential Outputs. Requires AC-coupling and external matching
network (and balun) to the external PA input.
10
10
VCC
Tx RF Supply Voltage. Bypass with a capacitor as close to the pin as possible. Do not
share the bypass-capacitor ground vias with any other branches.
13
13
TXENA
Tx Mode Enable Digital Input. Set high to enable Tx (see Figure 1).
14
14
PABIAS
DAC Current Output. Connect directly to the external PA bias pin.
15
15
VCC
Tx Baseband Filter Supply Voltage. Bypass with a capacitor as close to the pin as
possible. Do not share the bypass-capacitor ground vias with any other branches.
16
16
TXBBI+
17
17
TXBBI-
Tx Baseband I-Channel Differential Inputs
18
18
TXBBQ+
19
19
TXBBQ-
Tx Baseband Q-Channel Differential Inputs
20
20
VCC
Tx Upconverter Supply Voltage. Bypass with a capacitor as close to the pin as possible.
Do not share the bypass-capacitor ground vias with any other branches.
21
21
RBIAS
This Analog Voltage Input is Internally Biased to a Bandgap Voltage. Connect an external
precision 11k
Ω resistor or current source between this pin and ground to set the bias
current for the device.
22
22
VCC
Reference Circuit Supply Voltage. Bypass with a capacitor as close to the pin as possible.
Do not share the bypass-capacitor ground vias with any other branches.
23
23
VREF
Reference Voltage Output
24
24
GND
Digital Circuit Ground. Make connections to ground vias as short as possible. Do not
share ground vias with any other branches.
25
25
VCC
Digital Circuit Supply Voltage. Bypass with a capacitor as close to the pin as possible. Do
not share the bypass-capacitor ground vias with any other branches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com