Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 12Page - Maxim Integrated Products MAX2829 Datasheet HTML 13Page - Maxim Integrated Products MAX2829 Datasheet HTML 14Page - Maxim Integrated Products MAX2829 Datasheet HTML 15Page - Maxim Integrated Products MAX2829 Datasheet HTML 16Page - Maxim Integrated Products MAX2829 Datasheet HTML 17Page - Maxim Integrated Products MAX2829 Datasheet HTML 18Page - Maxim Integrated Products MAX2829 Datasheet HTML 19Page - Maxim Integrated Products MAX2829 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
16
______________________________________________________________________________________
RX I/Q DC OFFSET SETTLING RESPONSE
(-32dB BB VGA GAIN STEP)
400ns/div
3V
2V
1V
0
6mV
4mV
2mV
0
0
5
2
11
9
7
4
3
1
10
8
6
12
-80
-20
-70
-60
-40
-10
-50
-30
0
RX EVM vs. PIN
PIN (dBm)
LNA = LOW GAIN
LNA = MEDIUM GAIN
LNA = HIGH GAIN
0
2.5
1.5
0.5
2.0
1.0
3.0
-29
-15
-27 -25
-21
-11
-17
-13
-23
-19
-9
RX EVM vs. VOUT
VOUT (dBVRMS)
PIN = -50dBm
Typical Operating Characteristics (continued)
(VCC = 2.7V, fRF = 2.437GHz (802.11g) or fRF = 5.25GHz (802.11a), fREFOSC = 40MHz, SHDN = CS = high, RXHP = SCLK = DIN =
low, RBIAS = 11k
Ω, TA = +25°C using the MAX2828/MAX2829 evaluation kits.)
0
4
2
10
8
6
14
12
3
1
9
7
5
13
11
15
-110
-50
-30
-90
-70
-10
OFDM EVM WITH OFDM JAMMER vs. OFDM JAMMER
LEVEL WITH JAMMER OFFSET FREQUENCY
PJAMMER (dBm)
PIN = -62dBm
fOFFSET = 20MHz
fOFFSET = 25MHz
fOFFSET = 40MHz
fOFFSET = 100MHz
0
1.0
0.5
2.5
2.0
1.5
3.0
-120
-20
-100
-60
0
-80
-40
20
RX RSSI OUTPUT vs. INPUT POWER
PIN (dBm)
LNA = LOW GAIN
LNA = MEDIUM GAIN
LNA = HIGH GAIN
-140
-120
-130
-60
-80
-100
-110
-50
-70
-90
-40
1GHz
7GHz
RX EMISSION SPECTRUM, LNA INPUT
(TX OFF, LNA = LOW GAIN)
RX I/Q DC OFFSET SETTLING RESPONSE
(-8dB BB VGA GAIN STEP)
20ns/div
3V
2V
1V
0
6mV
4mV
2mV
0
RX I/Q DC OFFSET SETTLING RESPONSE
(+8dB BB VGA GAIN STEP)
20ns/div
3V
2V
1V
0
6mV
4mV
2mV
0
RX I/Q DC OFFSET SETTLING RESPONSE
(-16dB BB VGA GAIN STEP)
400ns/div
3V
2V
1V
0
6mV
4mV
2mV
0
802.11g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com