Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2829 Datasheet HTML 1Page - Maxim Integrated Products MAX2829 Datasheet HTML 2Page - Maxim Integrated Products MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS—802.11g Rx Mode (MAX2829)
(MAX2829 evaluation kit: VCC = +2.7V, fIN = 2.437GHz; receiver baseband I/Q outputs at 112mVRMS (-19dBV), fREFOSC = 40MHz,
SHDN = RXENA = CS = high, RXHP = TXENA = SCLK = DIN = low, RBIAS = 11k
Ω, registers set to default settings and correspond-
ing test mode, TA = +25°C, unless otherwise noted. Unmodulated single-tone RF input signal is used, unless otherwise indicated.)
(Tables 1, 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER SECTION: LNA RF INPUT TO BASEBAND I/Q OUTPUTS
RF Input Frequency Range
2.412
2.500
GHz
LNA high-gain mode (B7:B6 = 11)
-22
LNA medium-gain mode
(B7:B6 = 10)
-24
RF Input Return Loss
With 50
Ω external
match
LNA low-gain mode (B7:B6 = 0X)
-12
dB
TA = +25
°C87
94
Maximum gain,
B7:B1 = 1111111
TA = -40
°C to +85°C (Note 1)
85
Total Voltage Gain
Minimum gain,
B7:B1 = 0000000
TA = +25
°C1
5.5
dB
From high-gain mode (B7:B6 = 11) to medium-gain
mode (B7:B6 = 10) (Note 3)
-15.5
RF Gain Steps
From high-gain mode (B7:B6 = 11) to low-gain mode
(B7:B6 = 0X) (Note 3)
-30.5
dB
Gain Variation Over RF Band
fRF = 2.412GHz to 2.5GHz
3
dB
Baseband Gain Range
From maximum baseband gain (B5:B1 = 11111) to
minimum baseband gain (B5:B1 = 00000)
62
dB
DC ELECTRICAL CHARACTERISTICS (continued)
(MAX2828/MAX2829 evaluation kits: VCC = 2.7V to 3.6V, Rx/Tx set to maximum gain, RBIAS = 11k
Ω, no signal at RF inputs, all RF
inputs and outputs terminated into 50
Ω, receiver baseband outputs are open, no signal applied to Tx I/Q BB inputs in Tx mode,
fREFOSC = 40MHz, registers set to default settings and corresponding test mode, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VCC = +2.7V and TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
TA = -40
°C (relative to +25°C)
-25
Rx I/Q Output Common-Mode
Voltage Variation
TA = +85
°C (relative to +25°C)
20
mV
Tx Baseband Input Common-
Mode Voltage Operating Range
0.9
1.3
V
Tx Baseband Input Bias Current
13
µA
Reference Voltage Output
-1mA < IOUT < +1mA
1.2
V
Digital Input-Voltage High, VIH
VCC -
0.4
V
Digital Input-Voltage Low, VIL
0.4
V
Digital Input-Current High, IIH
-1
+1
µA
Digital Input-Current Low, IIL
-1
+1
µA
LD Output-Voltage High, VOH
Sourcing 100µA
VCC -
0.4
V
LD Output-Voltage Low, VOL
Sinking 100µA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com