Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products MAX2829 Datasheet HTML 10Page - Maxim Integrated Products MAX2829 Datasheet HTML 11Page - Maxim Integrated Products MAX2829 Datasheet HTML 12Page - Maxim Integrated Products MAX2829 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
_______________________________________________________________________________________
9
AC ELECTRICAL CHARACTERISTICS—802.11g Tx Mode (MAX2829) (continued)
(MAX2829 evaluation kit: VCC = +2.7V, fOUT = 2.437GHz, fREFOSC = 40MHz, SHDN = TXENA = CS = high, RXENA = SCLK = DIN =
low, RBIAS = 11k
Ω, 100mVRMS sine and cosine signal (or 100mVRMS, 54Mbps IEEE 802.11g I/Q signals wherever OFDM is men-
tioned) applied to baseband I/Q inputs of transmitter, registers set to default settings and corresponding test mode, TA = +25°C,
unless otherwise noted.) (Table 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2/3 x fRF
-64
4/3 x fRF
-61
5/3 x fRF
-63
RF Spurious Signal Emissions
B6:B1 = 111011, OFDM
signal
8/3 x fRF
-52
dBm/
MHz
Nominal mode
12
Turbo mode 1
18
Baseband -3dB Corner
Frequency
(See the Lowpass Filter
Register Definition
section)
Turbo mode 2
24
MHz
Baseband Filter Rejection
At 30MHz, in nominal mode (see the Lowpass Filter
Register Definition section)
60
dB
Minimum differential resistance
60
k
Ω
Tx Baseband Input Impedance
Maximum differential capacitance
0.7
pF
TRANSMITTER LO LEAKAGE AND I/Q CALIBRATION USING LO LEAKAGE AND SIDEBAND DETECTOR (SEE THE Tx/Rx
CALIBRATION MODE SECTION)
Tx BASEBAND I/Q INPUTS TO RECEIVER OUTPUTS
Output at 1 x fTONE (for LO leakage
= -29dBc), fTONE = 2MHz,
100mVRMS
-3
LO Leakage and Sideband-
Detector Output
Calibration register,
D12:D11 = 11,
A3:A0 = 0110
Output at 2 x fTONE (for sideband
suppression = -40dBc), fTONE =
2MHz, 100mVRMS
-13
dBVRMS
Amplifier Gain Range
D12:D11 = 00 to D12:D11 = 11, A3:A0 = 0110
26
dB
Lower -3dB Corner Frequency
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com