Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products MAX2829 Datasheet HTML 34Page - Maxim Integrated Products MAX2829 Datasheet HTML 35Page - Maxim Integrated Products MAX2829 Datasheet HTML 36Page - Maxim Integrated Products MAX2829 Datasheet HTML 37Page - Maxim Integrated Products MAX2829 Datasheet HTML 38Page - Maxim Integrated Products MAX2829 Datasheet HTML 39Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
38
______________________________________________________________________________________
2
1
3
4
5
6
7
8
B6
VCC
VCC
B7
RXRFL
TXRFL+
TXRFL-
GND
RXRFH
GND
TXRFH+
9
TXRFH-
TXENA
PABIAS
RXENA
RXHP
RSSI
VCC
VCC
BYPASS
GND
GND
CPOUT
GND
ROSC
LD
10
11
12
13
15 16 17 18 19 20
14
21 22 23 24 25 26 27 28
29
33
32
31
34
35
36
37
38
39
40
41
42
55 54 53 52 51 50 49 48 47 46 45 44 43
56
30
TUNE
MAX2829
SHDN
TOP VIEW
Pin Configurations (continued)
Rx Gain Control
The receiver gain can be set either by the digital input
pins B1 through B7 or by the internal Rx gain register.
The gain-control characteristic is shown in the Typical
Operating Characteristics.
RSSI
The RSSI output can be configured for two output
voltage ranges: 0.5V to 2V and 0.5V to 2.5V (see
Table 16a). The RSSI output is unaffected by the Rx
VGA gain setting. They are capable of driving loads
up to 10k
Ω || 5pF.
Tx VGA Gain Control
The Tx gain can be set either by digital input pins B1
through B6 or by the internal Tx VGA gain register. The
linearity of the Tx blocks can also be adjusted (Table 17).
The Tx VGA gain-control characteristic is shown in the
Typical Operating Characteristics.
Loop Filter
The loop-filter topology and component values can be
found in the MAX2828/MAX2829 evaluation kit data
sheet. A 150kHz loop bandwidth is recommended to
ensure that the loop settles fast enough during Tx/Rx
turnaround times.
Chip Information
TRANSISTOR COUNT: 42,998
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com