Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2829 Datasheet HTML 1Page - Maxim Integrated Products MAX2829 Datasheet HTML 2Page - Maxim Integrated Products MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, TXRFH_, TXRFL_ to GND..............................-0.3V to +4.2V
RXRFH, RXRFL, TXBBI_, TXBBQ_, ROSC, RXBBI_, RXBBQ_,
RSSI, PABIAS, VREF, CPOUT, RXENA, TXENA, SHDN, CS,
SCLK, DIN, B_, RXHP, LD, RBIAS,
BYPASS to GND ....................................-0.3V to (VCC + 0.3V)
RXBBI_, RXBBQ_, RSSI, PABIAS, VREF, CPOUT,
LD Short-Circuit Duration...................................................10s
RF Input Power ...............................................................+10dBm
Continuous Power Dissipation (TA = +70°C)
56-Pin Thin QFN (derate 31.3mW/°C above +70°C)....2500mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(MAX2828/MAX2829 evaluation kits: VCC = 2.7V to 3.6V, Rx/Tx set to maximum gain, RBIAS = 11k
Ω, no signal at RF inputs, all RF
inputs and outputs terminated into 50
Ω, receiver baseband outputs are open, no signal applied to Tx I/Q BB inputs in Tx mode,
fREFOSC = 40MHz, registers set to default settings and corresponding test mode, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VCC = +2.7V and TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
3.6
V
Shutdown mode, reference oscillator not applied, VIL = 0
1
100
µA
TA = +25
°C37
47
802.11g MAX2829
TA = -40
°C to +85°C
51
TA = +25
°C44
51
Standby
mode
802.11a
MAX2828/MAX2829
TA = -40
°C to +85°C
55
TA = +25
°C
118
151
802.11g MAX2829
TA = -40
°C to +85°C
158
TA = +25
°C
135
180
Rx mode
802.11a
MAX2828/MAX2829
TA = -40
°C to +85°C
188
TA = +25
°C
124
164
802.11g MAX2829
TA = -40
°C to +85°C
175
TA = +25
°C
142
184
Tx mode
802.11a
MAX2828/MAX2829
TA = -40
°C to +85°C
197
802.11g MAX2829
TA = +25
°C65
Standby
mode
(MIMO)
(Note 2)
802.11a
MAX2828/MAX2829
TA = +25
°C70
802.11g MAX2829
TA = +25
°C
136
Rx mode
(MIMO)
(Note 2)
802.11a
MAX2828/MAX2829
TA = +25
°C
154
802.11g MAX2829
TA = +25
°C
139
Tx mode
(MIMO)
(Note 2)
802.11a
MAX2828/MAX2829
TA = +25
°C
157
802.11g MAX2829
129
Tx calibration mode,
TA = +25
°C
802.11a MAX2828/MAX2829
147
802.11g MAX2829
188
Supply Current
RX calibration mode,
TA = +25
°C
802.11a MAX2828/MAX2829
210
mA
Rx I/Q Output Common-Mode
Voltage
TA = +25
°C
0.80
0.9
1.05
V
CAUTION! ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com