Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2829 Datasheet HTML 1Page - Maxim Integrated Products MAX2829 Datasheet HTML 2Page - Maxim Integrated Products MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS—802.11g Rx Mode (MAX2829) (continued)
(MAX2829 evaluation kit: VCC = +2.7V, fIN = 2.437GHz; receiver baseband I/Q outputs at 112mVRMS (-19dBV), fREFOSC = 40MHz,
SHDN = RXENA = CS = high, RXHP = TXENA = SCLK = DIN = low, RBIAS = 11k
Ω, registers set to default settings and correspond-
ing test mode, TA = +25°C, unless otherwise noted. Unmodulated single-tone RF input signal is used, unless otherwise indicated.)
(Tables 1, 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER BASEBAND FILTERS
Narrowband mode
7.5
Nominal mode
9.5
Turbo mode 1
14
Baseband -3dB Corner
Frequency
(See the Lowpass
Filter Register
section)
Turbo mode 2
18
MHz
fBASEBAND = 15MHz
20
fBASEBAND = 20MHz
39
Baseband Filter Rejection
(Nominal Mode)
fBASEBAND > 40MHz
84
dB
RSSI
RXHP = 1, low range (D11 = 0, see the Rx Control/RSSI
Register Definition section)
0.5
RSSI Minimum Output Voltage
RXHP = 1, high range (D11 = 1, see the Rx Control/RSSI
Register Definition section)
0.52
V
RXHP = 1, low range (D11 = 0, see the Rx Control/RSSI
Register Definition section)
2
RSSI Maximum Output Voltage
RXHP = 1, high range (D11 = 1, see the Rx Control/RSSI
Register Definition section)
2.5
V
RXHP = 1, low range (D11 = 0, see the Rx Control/RSSI
Register Definition section)
22.5
RSSI Slope
RXHP = 1, high range (D11 = 1, see the Rx Control/RSSI
Register Definition section)
30
mV/dB
+40dB signal step
0.2
RSSI Output Settling Time
To within 3dB of steady
state
-40dB signal step
0.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com