Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 18Page - Maxim Integrated Products MAX2829 Datasheet HTML 19Page - Maxim Integrated Products MAX2829 Datasheet HTML 20Page - Maxim Integrated Products MAX2829 Datasheet HTML 21Page - Maxim Integrated Products MAX2829 Datasheet HTML 22Page - Maxim Integrated Products MAX2829 Datasheet HTML 23Page - Maxim Integrated Products MAX2829 Datasheet HTML 24Page - Maxim Integrated Products MAX2829 Datasheet HTML 25Page - Maxim Integrated Products MAX2829 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
22
______________________________________________________________________________________
RX RSSI STEP RESPONSE
(-40dB SIGNAL STEP)
2V
1.5V
1V
0.5V
0
200ns/div
0
80
40
160
120
200
240
RX PHASE IMBALANCE
1
σ/div
MEAN = 90.3°
DEV = 0.55°
SAMPLE SIZE = 2268
0
32
16
64
48
80
96
TX LO LEAKAGE
1
σ/div
MEAN = -29.5dBc
DEV = 5.24dB
SAMPLE SIZE = 2236
0
32
16
64
48
80
96
TX SIDEBAND SUPPRESSION
1
σ/div
MEAN = -47.9dBc
DEV = 3.3dB
SAMPLE SIZE = 2237
0
34
17
68
51
85
102
802.11a TX POUT AT 5.25GHz
1
σ/div
MEAN = -2.8dB
DEV = 0.68dB
SAMPLE SIZE = 2237
I/Q OUTPUT DC ERROR DROOP
(RXHP = 1–0; A3:A1 = 1000, D2 = 0)
20ms/div
20mV/div
RX RSSI STEP RESPONSE
(+40dB SIGNAL STEP)
2V
1.5V
1V
0.5V
0
200ns/div
0
46
23
92
69
115
138
RX STATIC DC OFFSET
1
σ/div
MEAN = -826
µV
DEV = 1.75mV
SAMPLE SIZE = 2270
0
62
31
124
93
155
186
RX GAIN IMBALANCE
1
σ/div
MEAN = -0.007dB
DEV = 0.08dB
SAMPLE SIZE = 2268
Typical Operating Characteristics (continued)
(VCC = 2.7V, fRF = 2.437GHz (802.11g) or fRF = 5.25GHz (802.11a), fREFOSC = 40MHz, SHDN = CS = high, RXHP = SCLK = DIN =
low, RBIAS = 11k
Ω, TA = +25°C using the MAX2828/MAX2829 evaluation kits.)
802.11a
802.11g/802.11a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com