Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX2829
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 27Page - Maxim Integrated Products MAX2829 Datasheet HTML 28Page - Maxim Integrated Products MAX2829 Datasheet HTML 29Page - Maxim Integrated Products MAX2829 Datasheet HTML 30Page - Maxim Integrated Products MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products MAX2829 Datasheet HTML 34Page - Maxim Integrated Products MAX2829 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
31
to the VCO drifting to an adjacent sub-band. In this
case, it is advisable to reprogram the PLL by either
manual or automatic sub-band selection.
Programmable Registers
The MAX2828/MAX2829 include 13 programmable, 18-
bit registers: 0, 1, standby, integer-divider ratio, frac-
tional-divider ratio, band select and PLL, calibration,
lowpass filter, Rx control/RSSI, Tx linearity/baseband
gain, PA bias DAC, Rx gain, and Tx VGA gain. The 14
most significant bits (MSBs) are used for register data.
The 4 least significant bits (LSBs) of each register con-
tain the register address. Data is shifted in MSB first.
The data sent to the devices, in 18-bit words, is framed
by CS. When CS is low, the clock is active and data is
shifted with the rising edge of the clock. When CS tran-
sitions high, the shift register is latched into the register
selected by the contents of the address bits. Only the
last 18 bits shifted into the device are retained in the
shift register. No check is made on the number of clock
pulses. For programming data words less than 14 bits
long, only the required data bits and the address bits
are required to be shifted, resulting in faster Rx and Tx
gain control where only the LSBs need to be pro-
DATA BIT
DEFAULT
DESCRIPTION
D13
0
MIMO Select. Set to 0 for normal
operation. Set to 1 for MIMO
applications.
D12
1
Set to 1
D11
0
Voltage Reference (Pin 23)
D10
0
PA Bias DAC, in Tx Mode
D9
0
D8
0
D7
0
D6
0
D5
0
D4
0
D3
0
Set to 0
D2
1
D1
1
D0
1
Set to 1
Table 10. Standby Register
(A3:A0 = 0010)
DEFAULT
ADDRESS
REGISTER
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(A3:A0)
TABLE
Register 0
01
0
0
01
01
00
00
00
0000
—
Register 1
00
0
0
00
11
00
10
10
0001
—
Standby
01
0
0
00
00
00
01
11
0010
10
Integer-Divider
Ratio
11
0
0
00
10
10
00
10
0011
11
Fractional-
Divider Ratio
01
1
1
01
11
01
11
01
0100
12
Band Select
and PLL
01
1
0
00
00
10
01
00
0101
13
Calibration
01
1
1
00
00
00
00
00
0110
14
Lowpass Filter
00
0
0
00
00
10
10
10
0111
15
Rx
Control/RSSI
00
0
0
00
00
10
01
01
1000
16
Tx
Linearity/Base-
band Gain
00
0
0
10
00
00
00
00
1001
17
PA Bias DAC
00
0
0
11
11
00
00
00
1010
18
Rx Gain
00
0
0
00
01
11
11
11
1011
19
Tx VGA Gain
00
0
0
00
00
00
00
00
1100
20
Table 9. Register Default/SPI Reset Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com