Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 19Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 20Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 21Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 22Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 23Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
18
2.5.9 Advanced Configuration Menu
This menu is used to set the non-control parameters of the Sentinel II.
Follow this step-by-step procedure to use this menu. It is assumed that you are starting from the
RUN mode.
Current Menu Location
Display
Action
Comments
Run
Magnetrol Int’l
x.x level units
Normal operation
This is the RUN mode.
Run/Adv Config
Adv Config
> to select
Access the Adv Config menu
Use the arrow keys to scroll down until the
display reads Adv Config.
Run/Adv Config/
Damping
Damping (1–60)
6
Set the output damping
Set a damping factor to the 4–20 mA output
to decrease the effect of turbulence. Enter the
number of seconds.
Run/Adv Config/
Damping
Enter password
Accept the data entered
The Enter password display will not appear if a
password has been entered anywhere else in the
general program menu. Use the numeric keys
to enter your password.
Run/Adv Config/
Default Display
Default Display
Level
Set the display for the
run mode
Set the display variable for the RUN mode.
Run/Adv Config/
Change Password
Change Password
> to select
Change the unit’s password
Press ENT only if you want to change the
password; press the down arrow to skip. Enter
the current system password; press ENT. Then
enter the new password; press ENT. Enter the
new password again; press ENT.
Run/Adv Config/
Adjust Loop Pts.
Adjust loop pts.
Calibrate the 4–20 mA output
Allows matching of the actual 4–20 mA output
with the displayed value from the measuring
circuit. Adjustment is factory set and typically
will not need to be readjusted.
Run/Adv Config/
Adjust Loop Pts.
3.5 mA Offset
xxx
Set the 3.5 mA end point
Use a DMM to measure the actual output current,
increase or decrease the xxx value until DMM
reads 3.5 mA. Press ENT.
Run/Adv Config/
Adjust Loop Pts.
22 mA Offset
xxx
Set the 22 mA end point
Use a DMM to measure the actual output current,
increase or decrease the xxx value until DMM
reads 22 mA. Press ENT. Press DOWN arrow.
Run/Adv Config
Previous Menu
> to select
Press DEL two times to return to the RUN mode.
Run
Magnetrol Int’l
x.x level units
Normal operation
This is the RUN mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com