Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 22 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 22 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 19Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 20Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 21Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 22Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 23Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
19
2.5.10 Diagnostics Menu
This menu is used to offer the technician a method of testing the unit’s functionality. It also provides
useful information for troubleshooting purposes.
Follow this step-by-step procedure to use this menu. It is assumed that you are starting from the
RUN mode.
Current Menu Location
Display
Action
Comments
Run
Magnetrol Int’l
x.x level units
Normal operation
This is the RUN mode.
Run/Diagnostics
Diagnostics
> to select
Access the Diagnostics menu
Press the arrow keys to scroll down until the
display reads Diagnostics.
Run/Diagnostics/
Test Relay
Test Relays
> to select
Test the relay outputs menu
This menu allows you to energize/de-energize
each output individually.
Run/Diagnostics/
Test Relay
Enter Password
Accept the data entered
Enter a number between 1 and 4. Use the arrow
keys to toggle between Energize and De-energize.
Run/Diagnostics/
Test Relay
Select Relay
~
Set the relay to test
Set the display variable for the RUN mode.
Run/Diagnostics/
Test 4–20 mA Loop
Test 4–20 mA Loop
> to select
Test the 4–20 mA output
Press ENT twice. Enter the value of the desired
output current. Press ENT. The 4–20 mA output
is now at the desired loop current. Press ENT
when finished.
Run/Diagnostics/
Signal Values
Signal Values
> to select
Access the Signal Values
menu
View actual signal readings from the
electronics, probe, and preamplifier.
Run/Diagnostics/
Signal Values
CCO Int Cap
x.xx uS
Check the function of the
internal oscillator
This test compares the probe’s capacitance
on the probe and displaying it as a function
of the oscillator.
Run/Diagnostics/
Signal Values
CCO Open Probe
x.xx uS
Check the connection
between the preamplifier
and the probe
This test compares the probe’s capacitance on
the probe and displaying it as a function of
the oscillator.
Run/Diagnostics/
Signal Values
CCO Probe
x.xx uS
Measure the probe’s
capacitance in the application
This test is measuring the actual capacitance
on the probe and displaying it as a function of
the oscillator.
Run/Diagnostics/
Signal Values
Previous Menu
> to select
Press ENT.
Run/Diagnostics/
View Version #
View Version #
x.xx
View the software revision #
Displays the version number of Sentinel II
software which is installed.
Run/Diagnostics
Previous Menu
> to select
Press DEL two times to return to the RUN mode.
Run
Magnetrol Int’l
x.x level units
Normal operation
The RUN mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com