Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 31 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 31 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 27Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 28Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 29Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 30Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 31Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 32Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
28
3.5
Model Numbers
3.5.1 Transmitter
2
Integral explosion proof
3
Remote explosion proof
5
Integral explosion proof w/intrinsically safe probe
6
Remote explosion proof w/intrinsically safe probe
0
Transmitter only
C
(2) 10 amp SPDT relays w/gold flash contacts
D
(4) 10 amp SPDT relays w/gold flash contacts
1
4–20 mA
5
4–20 mA w/RS-485 (Modbus)
ANALOG OUTPUT/COMMUNICATIONS:
0
120 VAC
1
240 VAC
2
24 VDC
INPUT POWER:
80
4
30
804
Kotron Sentinel
II
RF Level Transmitter
R
NEMA 4X7/9 aluminum die-cast, 1" NPT
Y
NEMA 4X7/9 aluminum die-cast, 1" NPT w/316 SS, CCO housing (remote only)
BASIC MODEL NUMBER:
ELECTRONIC HOUSING:
ALARM/CONTROL OUTPUT:
MOUNTING:
Complete details on the available probes can be found
in Bulletin 50-125, Kotron RF Sensing Probes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com